Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP03MZ Datasheet(PDF) 1 Page - SIRENZA MICRODEVICES

Part # AP03MZ
Description  COUPLER Product Specification
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRENZA [SIRENZA MICRODEVICES]
Direct Link  
Logo SIRENZA - SIRENZA MICRODEVICES

AP03MZ Datasheet(HTML) 1 Page - SIRENZA MICRODEVICES

  AP03MZ Datasheet HTML 1Page - SIRENZA MICRODEVICES  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
COUPLER Product Specification
Model:
AP03M(Z)
Rev:
Date: 3/5/2007
Customer: SIRENZA MICRODEVICES, INC.
Operating Temperature Range:
( -40 ° to 85 ° C)
WEEE and RoHS Compliant
Parameter
Min
Typ
Max
Units
X
Remarks
Frequency Range -
2000
2150
2300
MHz
X
Coupling Value -
3
dB
X
Insertion Loss -
0
0.1
0.2
dB
X
Amplitude Balance -
-0.2
0
0.2
dB
X
Phase Balance -
88
90
92
degrees
X
Return Loss -
-22.1
dB
X
Output Isolation -
23
27
dB
X
Power Handling -
60
Watts
Average Power CW
Package Information
Package Type:
M (0.56 x 0.2 x 0.075 inches
)
Drawing Number:
SLG002
Comments
X Indicates parameter to be tested 100% in production
Performance tests and ratings for Sirenza Microdevices' products were performed internally by Sirenza and measured using specific computer systems
and/or components and reflect the approximate performance of the the products as measured by those tests. Any difference in circuit implementation, test
software, or test equipment may affect actual performance. The information provided herein is believed to be reliable at press time and Sirenza
Microdevices assumes no responsibility for the use of this information. All such use shall be entirely at the user's own risk. Prices and specifications for
Sirenza Microdevices' products are subject to change without notice. Buyers should consult Sirenza Microdevices' standard terms and conditions of sale
for Sirenza's limited warranty with regard to its products. These products may be patented or include patented technology. No patent rights or licenses to
any of the circuits described herein are implied or granted to any third party. Sirenza Microdevices does not authorize or warrant any product for use in
life-support devices and/or systems.
Page 1 of 1
Sirenza Microdevices, Inc.
303 S. Technology Ct.
Broomfield, CO 80021
tel 303.327.3030
fax 303.410.7988


Similar Part No. - AP03MZ

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
AP0300A-00 ASI-AP0300A-00 Datasheet
14Kb / 1P
1SILICON PIN DIODE CHIP
REV. A
logo
List of Unclassifed Man...
AP0301-12 ETC-AP0301-12 Datasheet
1Mb / 36P
Bobbintron Electrical Corporation
AP0301-24 ETC-AP0301-24 Datasheet
1Mb / 36P
Bobbintron Electrical Corporation
logo
Teledyne Technologies I...
AP031 TELEDYNE-AP031 Datasheet
3Mb / 16P
High Definition Oscilloscopes
logo
Anachip Corp
AP033 ANACHIP-AP033 Datasheet
137Kb / 5P
1.5A Low Dropout Positive Fixed-Mode Regulator
Rev.1.0 Aug.27, 2004
More results

Similar Description - AP03MZ

ManufacturerPart #DatasheetDescription
logo
SIRENZA MICRODEVICES
AH03L SIRENZA-AH03L Datasheet
121Kb / 1P
COUPLER Product Specification
AM03M SIRENZA-AM03M Datasheet
123Kb / 1P
COUPLER Product Specification
AM03P SIRENZA-AM03P Datasheet
123Kb / 1P
COUPLER Product Specification
AN03L SIRENZA-AN03L Datasheet
123Kb / 1P
COUPLER Product Specification
AP03P SIRENZA-AP03P Datasheet
123Kb / 1P
COUPLER Product Specification
AS03L SIRENZA-AS03L Datasheet
123Kb / 1P
COUPLER Product Specification
AV03L SIRENZA-AV03L Datasheet
123Kb / 1P
COUPLER Product Specification
AW03M SIRENZA-AW03M Datasheet
123Kb / 1P
COUPLER Product Specification
AY03L SIRENZA-AY03L Datasheet
124Kb / 1P
COUPLER Product Specification
BC03M SIRENZA-BC03M Datasheet
123Kb / 1P
COUPLER Product Specification
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com