Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT89S2051 Datasheet(PDF) 2 Page - ATMEL Corporation

Part # AT89S2051
Description  8-bit Microcontroller with 2K/4K Bytes Flash
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89S2051 Datasheet(HTML) 2 Page - ATMEL Corporation

  AT89S2051 Datasheet HTML 1Page - ATMEL Corporation AT89S2051 Datasheet HTML 2Page - ATMEL Corporation AT89S2051 Datasheet HTML 3Page - ATMEL Corporation AT89S2051 Datasheet HTML 4Page - ATMEL Corporation AT89S2051 Datasheet HTML 5Page - ATMEL Corporation AT89S2051 Datasheet HTML 6Page - ATMEL Corporation AT89S2051 Datasheet HTML 7Page - ATMEL Corporation AT89S2051 Datasheet HTML 8Page - ATMEL Corporation AT89S2051 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 46 page
background image
2
3390E–MICRO–6/08
AT89S2051/S4051
The on-board Flash program memory is accessible through the ISP serial interface. Holding
RST active forces the device into a serial programming interface and allows the program mem-
ory to be written to or read from, unless one or more lock bits have been activated.
2.
Pin Configuration
2.1
20-lead PDIP/SOIC
3.
Block Diagram
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
RST/VPP
(RXD) P3.0
(TXD) P3.1
XTAL2
XTAL1
(INT0) P3.2
(INT1) P3.3
(T0) P3.4
(T1) P3.5
GND
VCC
P1.7 (SCK)
P1.6 (MISO)
P1.5 (MOSI)
P1.4
P1.3
P1.2
P1.1 (AIN1)
P1.0 (AIN0)
P3.7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com