Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT89LP4052 Datasheet(PDF) 78 Page - ATMEL Corporation

Part # AT89LP4052
Description  8-bit Microcontroller with 2/4-Kbyte Flash
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP4052 Datasheet(HTML) 78 Page - ATMEL Corporation

Back Button AT89LP4052 Datasheet HTML 74Page - ATMEL Corporation AT89LP4052 Datasheet HTML 75Page - ATMEL Corporation AT89LP4052 Datasheet HTML 76Page - ATMEL Corporation AT89LP4052 Datasheet HTML 77Page - ATMEL Corporation AT89LP4052 Datasheet HTML 78Page - ATMEL Corporation AT89LP4052 Datasheet HTML 79Page - ATMEL Corporation AT89LP4052 Datasheet HTML 80Page - ATMEL Corporation AT89LP4052 Datasheet HTML 81Page - ATMEL Corporation AT89LP4052 Datasheet HTML 82Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 93 page
background image
78
3547I–MICRO–6/08
AT89LP2052/LP4052
Notes:
1. Under steady state (non-transient) conditions, IOL must be externally limited as follows:
Maximum I
OL per port pin: 10 mA
Maximum total I
OL for all output pins: 15 mA
If IOL exceeds the test condition, VOL may exceed the related specification. Pins are not guaranteed to sink current greater
than the listed test conditions.
2. Port in Quasi-Bidirectional Mode
3. Port in Push-Pull Output Mode
4. Minimum V
CC for Power-down is 2V.
24.2
DC Characteristics
T
A = -40°C to 85°C, VCC = 2.4V to 5.5V (unless otherwise noted)
Symbol
Parameter
Condition
Min
Max
Units
V
IL
Input Low-voltage
(Except RST)
-0.5
0.25 V
CC
V
VIL1
Input Low-voltage
(RST)
-0.5
0.3 VCC
V
V
IH
Input High-voltage
(Except RST)
0.65 V
CC
V
CC + 0.5
V
VIH1
Input High-voltage
(RST)
0.6 VCC
VCC + 0.5
V
VOL
Output Low-voltage (Ports 1, 3)(1)
IOL = 10 mA, VCC = 2.7V, TA = 85°C
0.5
V
VOH
Output High-voltage (Ports 1, 3)
using Weak Pull-up(2)
I
OH = -80 µA, VCC = 5V ± 10%
2.4
V
IOH = -30 µA
0.75 VCC
V
IOH = -12 µA
0.9 VCC
V
VOH1
Output High-voltage (Ports 1, 3)
using Strong Pull-up(3)
IOH = -10 mA, TA = 85°C
0.9 VCC
IIL
Logic 0 Input Current(2)
(Ports 1, 3)
VIN = 0.45V
-50
µA
ITL
Logic 1 to 0 Transition Current(2)
(Ports 1, 3)
VIN = 2V, VCC = 5V ± 10%
-300
µA
ILI
Input-Only Leakage Current
0 < VIN < VCC
±10
µA
VOS
Comparator Input Offset Voltage
VCC = 5V
20
mV
VCM
Comparator Input Common Mode
Voltage
0VCC
V
RRST
Reset Pull-down Resistor
50
150
k
Ω
C
IO
Pin Capacitance
Test Freq. = 1 MHz, T
A = 25°C
10
pF
ICC
Power Supply Current
Active Mode, 12 MHz, VCC = 5.5V/3V
5.5/3.5
mA
Idle Mode, 12 MHz, V
CC = 5.5V/3V
3/2
mA
Power-down Mode(4)
V
CC = 5.5V
5
µA
VCC = 3V
2
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com