Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT89LP213 Datasheet(PDF) 63 Page - ATMEL Corporation

Part # AT89LP213
Description  8-bit Microcontroller with 2K Bytes Flash
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP213 Datasheet(HTML) 63 Page - ATMEL Corporation

Back Button AT89LP213 Datasheet HTML 59Page - ATMEL Corporation AT89LP213 Datasheet HTML 60Page - ATMEL Corporation AT89LP213 Datasheet HTML 61Page - ATMEL Corporation AT89LP213 Datasheet HTML 62Page - ATMEL Corporation AT89LP213 Datasheet HTML 63Page - ATMEL Corporation AT89LP213 Datasheet HTML 64Page - ATMEL Corporation AT89LP213 Datasheet HTML 65Page - ATMEL Corporation AT89LP213 Datasheet HTML 66Page - ATMEL Corporation AT89LP213 Datasheet HTML 67Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 96 page
background image
63
3538C–MICRO–06/08
AT89LP213/214
Note:
1. This escaped instruction is an extension to the instruction set.
Bit Operations
Bytes
Clock Cycles
Hex Code
8051
AT89LP
CLR C
1
12
1
C3
CLR bit
2
12
2
C2
SETB C
1
12
1
D3
SETB bit
2
12
2
D2
CPL C
1
12
1
B3
CPL bit
2
12
2
B2
ANL C, bit
2
24
2
82
ANL C, bit
2
24
2
B0
ORL C, bit
2
24
2
72
ORL C, /bit
2
24
2
A0
MOV C, bit
2
12
2
A2
MOV bit, C
2
24
2
92
Branching
Bytes
Clock Cycles
Hex Code
8051
AT89LP
JC rel
2
24
3
40
JNC rel
2
24
3
50
JB bit, rel
3
24
4
20
JNB bit, rel
3
24
4
30
JBC bit, rel
3
24
4
10
JZ rel
2
24
3
60
JNZ rel
2
24
3
70
SJMP rel
2
24
3
80
ACALL addr11
2
24
3
11,31,51,71,91,
B1,D1,F1
LCALL addr16
3
24
4
12
RET
1
24
4
22
RETI
1
24
4
32
AJMP addr11
2
24
3
01,21,41,61,81,
A1,C1,E1
LJMP addr16
3
24
4
02
JMP @A+DPTR
1
24
2
73
JMP @A+PC
(1)
2–
3A5 73
CJNE A, direct, rel
3
24
4
B5
CJNE A, #data, rel
3
24
4
B4
CJNE Rn, #data, rel
3
24
4
B8-BF
CJNE @Ri, #data, rel
3
24
4
B6-B7
DJNZ Rn, rel
2
24
3
D8-DF
DJNZ direct, rel
3
24
4
D5
NOP
1
12
1
00
BREAK(1)
2–
2A5 00
Table 21-1.
Instruction Execution Times and Exceptions (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com