Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PA69 Datasheet(PDF) 4 Page - Cirrus Logic

Part # PA69
Description  POWER OPERATIONAL AMPLIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

PA69 Datasheet(HTML) 4 Page - Cirrus Logic

  PA69 Datasheet HTML 1Page - Cirrus Logic PA69 Datasheet HTML 2Page - Cirrus Logic PA69 Datasheet HTML 3Page - Cirrus Logic PA69 Datasheet HTML 4Page - Cirrus Logic PA69 Datasheet HTML 5Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
APEX MICROTECHNOLOGY CORPORATION • 5980 NORTH SHANNON ROAD • TUCSON, ARIZONA 85741 • USA • APPLICATIONS HOTLINE: 1 (800) 546–2739
4
PA69
OPERATING
CONSIDERATIONS
EXTERNAL CONNECTIONS
SMALL SIGNAL GAIN AND PHASE PLOTS
The input signal amplitude to the PA69 am-
plifier is related to the overall phase margin and
unity gain bandwidth. For very small signal am-
plitudes the amplifier phase margin is negative
and it shows instability. If small signal stability
is desired a constant current source of 500 uA
(or resistor for constant supply voltage) needs
to be added externally between C
C– and +VS.
This current source has minor effects on output
offset voltage but helps immensely with small
signal stability. The following gain and phase
plots have been generated with a 100k resistor
(fixed dual supply voltage +/– 50V) between
C
C– and +VS. Please note that the unity gain
bandwidth and phase margin improves with
larger signal amplitude because of the unique
differential amplifier stage in the PA69.
SAFE OPERATING AREA
The MOSFET output stage of the PA69 is not limited by
second breakdown considerations as in bipolar output stages.
Only thermal considerations and current handling capabilities
limit the SOA. The output stage is protected against transient
flyback by the parasitic body diodes of the output stage MOS-
FET structure. However, for protection against sustained high
energy flyback external fast–recovery diodes must be used.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com