Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA12 Datasheet(PDF) 1 Page - Cirrus Logic

Part # SA12
Description  PULSE WIDTH MODULATION AMPLIFIERS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

SA12 Datasheet(HTML) 1 Page - Cirrus Logic

  SA12 Datasheet HTML 1Page - Cirrus Logic SA12 Datasheet HTML 2Page - Cirrus Logic SA12 Datasheet HTML 3Page - Cirrus Logic SA12 Datasheet HTML 4Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
APEX MICROTECHNOLOGY CORPORATION • TELEPHONE (520) 690-8600 • FAX (520) 888-3329 • ORDERS (520) 690-8601 • EMAIL prodlit@apexmicrotech.com
1
FEATURE
• HIGH FREQUENCY SWITCHING — 200 kHz
• WIDE SUPPLY RANGE—16-200V
• 15A CONTINUOUS TO 65°C CASE
• 3 PROTECTION CIRCUITS
• ANALOG OR DIGITAL INPUTS
• SYNCHRONIZED OR EXTERNAL OSCILLATOR
• FLEXIBLE FREQUENCY CONTROL
APPLICATIONS
• REACTIVE LOADS
• LOW FREQUENCY SONAR
• LARGE PIEZO ELEMENTS
• OFF-LINE DRIVERS
• C-D WELD CONTROLLER
DESCRIPTION
The SA12 is a pulse width modulation amplifier that can
supply 3000W to the load. An internal 400kHz oscillator re-
quires no external components. The clock input stage divides
the oscillator frequency by two, which provides the 200 kHz
switching frequency. External oscillators may also be used to
lower the switching frequency or to synchronize multiple ampli-
fiers. Current sensing is provided for each half of the H-bridge
giving amplitude and direction data. A shutdown input turns
off all four drivers of the H-bridge output. A high side current
limit and the programmable low side current limit protect the
amplifier from shorts to supply or ground in addition to load
shorts. The H-bridge output MOSFETs are protected from
thermal overloads by directly sensing the temperature of the
die. The 12-pin hermetic MO-127 power package occupies
only 3 square inches of board space.
BLOCK DIAGRAM AND TYPICAL APPLICATION
TORQUE MOTOR DRIVER
EXTERNAL CONNECTIONS
M I C R O T E C H N O L O G Y
SA12
12-PIN POWER DIP
PACKAGE STYLE CR


Similar Part No. - SA12

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SA12 PANJIT-SA12 Datasheet
169Kb / 6P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 500 Watt Peak Pulse Power)
logo
Won-Top Electronics
SA12 WTE-SA12 Datasheet
68Kb / 5P
500W TRANSIENT VOLTAGE SUPPRESSORS
logo
Bytes
SA12 BYTES-SA12 Datasheet
313Kb / 4P
500 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
logo
Dc Components
SA12 DCCOM-SA12 Datasheet
792Kb / 4P
TECHNICAL SPECIFICATIONS OF TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
SA12 EIC-SA12 Datasheet
52Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - SA12

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
SA07 APEX-SA07 Datasheet
276Kb / 5P
PULSE WIDTH MODULATION AMPLIFIERS
SA08 APEX-SA08 Datasheet
239Kb / 4P
PULSE WIDTH MODULATION AMPLIFIERS
SA12 APEX-SA12 Datasheet
244Kb / 4P
PULSE WIDTH MODULATION AMPLIFIERS
SA08 APEX-SA08_06 Datasheet
239Kb / 4P
PULSE WIDTH MODULATION AMPLIFIERS
logo
AUK corp
S494P AUK-S494P_1 Datasheet
353Kb / 9P
Pulse Width Modulation
logo
Cirrus Logic
SA07 CIRRUS-SA07 Datasheet
524Kb / 7P
Pulse Width Modulation Amplifiers
SA09 CIRRUS-SA09 Datasheet
521Kb / 7P
Pulse Width Modulation Amplifiers
MSA240 CIRRUS-MSA240 Datasheet
214Kb / 5P
Pulse Width Modulation Amplifiers
SA08 CIRRUS-SA08 Datasheet
201Kb / 5P
Pulse Width Modulation Amplifiers
SA12 CIRRUS-SA12 Datasheet
201Kb / 5P
Pulse Width Modulation Amplifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com