Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP7606 Datasheet(PDF) 2 Page - Exar Corporation

Part # SP7606
Description  Wide Input Voltage Boost Controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP7606 Datasheet(HTML) 2 Page - Exar Corporation

  SP7606 Datasheet HTML 1Page - Exar Corporation SP7606 Datasheet HTML 2Page - Exar Corporation SP7606 Datasheet HTML 3Page - Exar Corporation SP7606 Datasheet HTML 4Page - Exar Corporation SP7606 Datasheet HTML 5Page - Exar Corporation SP7606 Datasheet HTML 6Page - Exar Corporation SP7606 Datasheet HTML 7Page - Exar Corporation SP7606 Datasheet HTML 8Page - Exar Corporation SP7606 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
SP7606
12/17/07 rev: A
SP7600
©Copyright 2007 Exar Corporation
EXAR RESERVES THE RIGHT TO MAKE CHANGES TO THIS DATASHEET. CALL FOR UPDATES: 1-510-668-7000
page
2 of 17
These are stress ratings only and functional
operation of the device at these ratings or any
other above those indicated in the operation
sections of the specifications below is not
implied. Exposure to absolute maximum rating
conditions for extended periods of time may
affect reliability.
Vin....................................................-0.3V to 30V
EN, FB, SHDN, and Vcc ....................-0.3V to 6V
DD, OC..............................................0.3V to 40V
Storage Temperature................ -65°C to +150°C
Lead Temperature (Soldering, 10 sec) ......300°C
RECOMMENDED OPERATING
CONDITIONS
Supply Voltage (Vin)............................ 7V to 28V
Operating temperature ................. -40≤TJ≤125°C
ESD Rating SHDN pin...................... 1.5KV HBM
ESD Rating all other pins .................... 2KV HBM
Package Thermal Dissipation..................45°C/W
ELECTRICAL CHARACTERISTICS
Specifications are for TAMB=TJ=25°C, and those denoted by ♦ apply over the full operating range, -40°C≤ TJ ≤125°C
Unless otherwise specified: Vin = 7 -28V, CGATE = 1000pF,
PARAMETER
MIN
TYP
MAX
UNITS
CONDITIONS
Operating Input Voltage Range
7
28
V
Supply Current
2.2
4.2
mA
Not switching
Vin=28V
Supply current in shutdown
55
160
μA
SHDN_ = HIGH
Vcc Output Voltage
4.8
5.0
5.3
V
Vcc Dropout Voltage
2
V
Icc = 20mA
Under Voltage Lockout
4.1
4.35
4.6
V
Switching Frequency
1.0
1.20
1.4
MHz
0°C≤TJ≤85°C
Maximum Duty Cycle
86
91
%
Minimum On-time
30
ns
Turn-on Time from Shutdown
200
500
μs
FB reference Voltage
784
800
816
mV
FB Input Current
0.5
μA
VFB = 1V
Error amplifier gain**
80
dB
Ramp Amplitude**
1.25
Vin/10
4.2
V
Gate Rising Time
50
10 to 90%
Gate Falling Time
40
ns
90 to 10%
Gate Pull-up Resistance
4
Gate Pull-down Resistance
3
Ω
Gate Pull Down Resistance in off state
50
k
Ω
SHDN Logic Low
0
.7
V
Enabled
SHDN Logic High
3
5.3
V
Disabled
SHDN Input Current
.01
0.5
μA
0 to Vcc
Over-Current Protection threshold
0.145
0.20
0.260
V
Over-Current Trip Point Delay
100
ns
DD FET impedance
155
Ω
*Not tested but the specification is guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com