Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP7606ER-L/TR Datasheet(PDF) 11 Page - Exar Corporation

Part # SP7606ER-L/TR
Description  Wide Input Voltage Boost Controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP7606ER-L/TR Datasheet(HTML) 11 Page - Exar Corporation

Back Button SP7606ER-L/TR Datasheet HTML 7Page - Exar Corporation SP7606ER-L/TR Datasheet HTML 8Page - Exar Corporation SP7606ER-L/TR Datasheet HTML 9Page - Exar Corporation SP7606ER-L/TR Datasheet HTML 10Page - Exar Corporation SP7606ER-L/TR Datasheet HTML 11Page - Exar Corporation SP7606ER-L/TR Datasheet HTML 12Page - Exar Corporation SP7606ER-L/TR Datasheet HTML 13Page - Exar Corporation SP7606ER-L/TR Datasheet HTML 14Page - Exar Corporation SP7606ER-L/TR Datasheet HTML 15Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
SP7606
12/17/07 rev: A
SP7600
©Copyright 2007 Exar Corporation
EXAR RESERVES THE RIGHT TO MAKE CHANGES TO THIS DATASHEET. CALL FOR UPDATES: 1-510-668-7000
page
11 of 17
The compensation becomes much harder to
accomplish when due to the RHP zero as well
as the filter double pole. Unlike the DCM filter
the gain drops off sharply at the filter double
pole and does not recover. More over the
Right Half plane zero also adds another -90
degrees to the phase. Due to the RHP zero the
compensation network for a boost regulator
needs to roll off below the RHP zero location.
When compensating for CCM mode of
operation the user will need to add a phase
boost
capacitor
and
resistor
to
help
compensate for the filter double pole. The
location of the zero and poles for Type 3
compensation is.
-
+
5
6
7
RZ
CZ
CP
Vref
R1
Vout
Comp
CZ1
RZ1
 
Error Amplifier Type 3 Compensation
Frequency
Gain
Phase
0 dB
0 deg
-270 (deg)
Gain of Control to Output transfer CCM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com