Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VIPER20 Datasheet(PDF) 2 Page - STMicroelectronics

Part # VIPER20
Description  SMPS PRIMARY I.C.
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER20 Datasheet(HTML) 2 Page - STMicroelectronics

  VIPER20 Datasheet HTML 1Page - STMicroelectronics VIPER20 Datasheet HTML 2Page - STMicroelectronics VIPER20 Datasheet HTML 3Page - STMicroelectronics VIPER20 Datasheet HTML 4Page - STMicroelectronics VIPER20 Datasheet HTML 5Page - STMicroelectronics VIPER20 Datasheet HTML 6Page - STMicroelectronics VIPER20 Datasheet HTML 7Page - STMicroelectronics VIPER20 Datasheet HTML 8Page - STMicroelectronics VIPER20 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
2/25
VIPer20/SP/DIP - VIPer20A/ASP/ADIP
ABSOLUTE MAXIMUM RATING
THERMAL DATA
(*) When mounted using the minimum recommended pad size on FR-4 board.
(#) On multylayer PCB.
CONNECTION DIAGRAMS (Top View)
CURRENT AND VOLTAGE CONVENTIONS
Symbol
Parameter
Value
Unit
VDS
Continuous Drain-Source Voltage (Tj=25 to 125°C)
for VIPer20/SP/DIP
for VIPer20A/ASP/ADIP
-0.3 to 620
-0.3 to 700
V
V
ID
Maximum Current
Internally limited
A
VDD
Supply Voltage
0 to 15
V
VOSC
Voltage Range Input
0 to VDD
V
VCOMP
Voltage Range Input
0 to 5
V
ICOMP
Maximum Continuous Current
± 2mA
Vesd
Electrostatic Discharge (R =1.5k
Ω; C=100pF)
4000
V
ID(AR)
Avalanche Drain-Source Current, Repetitive or Not Repetitive
(TC=100°C; Pulse width limited by Tj max; δ < 1%)
for VIPer20/SP/DIP
for VIPer20A/ASP/ADIP
0.5
0.4
A
A
Ptot
Power Dissipation at Tc=25ºC57
W
Tj
Junction Operating Temperature
Internally limited
°C
Tstg
Storage Temperature
-65 to 150
°C
Symbol
Parameter
PENTAWATT
PowerSO-10™ (*)
DIP-8
Unit
Rthj-pin
Thermal Resistance Junction-pin
Max
20
°C/W
Rthj-case
Thermal Resistance Junction-case Max
2.0
2.0
°C/W
Rthj-amb.
Thermal Resistance Ambient-case
Max
70
60
35 (#)
°C/W
1
PENTAWATT HV
PENTAWATT HV (022Y)
PowerSO-10™
-
+
13V
OSC
COMP SOURCE
DRAIN
VDD
VCOMP
VOSC
VDD
VDS
ICOMP
IOSC
IDD
ID
FC00020
1
4
8
5
OSC
Vdd
SOURCE
COMP
DRAIN
DRAIN
DRAIN
DRAIN
SC10540
DIP-8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com