Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT25DF321A Datasheet(PDF) 54 Page - ATMEL Corporation

Part # AT25DF321A
Description  32-Megabit 2.7-volt Minimum SPI Serial Flash Memory
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT25DF321A Datasheet(HTML) 54 Page - ATMEL Corporation

Back Button AT25DF321A Datasheet HTML 50Page - ATMEL Corporation AT25DF321A Datasheet HTML 51Page - ATMEL Corporation AT25DF321A Datasheet HTML 52Page - ATMEL Corporation AT25DF321A Datasheet HTML 53Page - ATMEL Corporation AT25DF321A Datasheet HTML 54Page - ATMEL Corporation AT25DF321A Datasheet HTML 55Page - ATMEL Corporation AT25DF321A Datasheet HTML 56Page - ATMEL Corporation AT25DF321A Datasheet HTML 57Page - ATMEL Corporation AT25DF321A Datasheet HTML 58Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 54 / 58 page
background image
54
3686C–DFLASH–12/08
AT25DF321A [Preliminary]
16. Ordering Information
16.1
Ordering Code Detail
Notes:
1. The shipping carrier option code is not marked on the devices.
16.2
Green Package Options (Pb/Halide-free/RoHS Compliant)
Ordering Code(1)
Package
Lead (Pad) Finish
Operating Voltage
Max. Freq. (MHz)
Operation Range
AT25DF321A-MH-Y
AT25DF321A-MH-T
8MA1
NiPdAu
2.7V to 3.6V
100
Industrial
(-40°C to +85°C)
AT25DF321A-SH-B
AT25DF321A-SH-T
8S2
A T 2 5 D
3 2
S 3 H
B
1 A
–
–
F
Atmel Designator
Product Family
Device Density
32 = 32-megabit
Interface
1 = Serial
Device Revision
Package Option
S
= 8-lead, 0.208" wide SOIC
M = 8-pad, 5 x 6 x 0.6 mm UDFN
Device Grade
H = Green, NiPdAu lead finish, industrial
temperature range (–40°C to +85°C)
Shipping Carrier Option
B = Bulk (tubes)
Y = Bulk (trays)
T = Tape and reel
Package Type
8MA1
8-pad (5 x 6 x 0.6 mm Body), Thermally Enhanced Plastic Ultra Thin Dual Flat No Lead Package (UDFN)
8S2
8-lead, 0.208” Wide, Plastic Gull Wing Small Outline Package (EIAJ SOIC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com