Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT25DF641 Datasheet(PDF) 11 Page - ATMEL Corporation

Part # AT25DF641
Description  64-Megabit 2.7-volt Minimum SPI Serial Flash Memory
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT25DF641 Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button AT25DF641 Datasheet HTML 7Page - ATMEL Corporation AT25DF641 Datasheet HTML 8Page - ATMEL Corporation AT25DF641 Datasheet HTML 9Page - ATMEL Corporation AT25DF641 Datasheet HTML 10Page - ATMEL Corporation AT25DF641 Datasheet HTML 11Page - ATMEL Corporation AT25DF641 Datasheet HTML 12Page - ATMEL Corporation AT25DF641 Datasheet HTML 13Page - ATMEL Corporation AT25DF641 Datasheet HTML 14Page - ATMEL Corporation AT25DF641 Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 59 page
background image
11
3680E–DFLASH–12/08
AT25DF641 [Preliminary]
the device will continue reading back at the beginning of the array (000000h). No delays will be
incurred when wrapping around from the end of the array to the beginning of the array.
Deasserting the CS pin will terminate the read operation and put the SO and SIO pins into a
high-impedance state. The CS pin can be deasserted at any time and does not require that a full
byte of data be read.
Figure 7-4.
Dual-Output Read Array
SCK
CS
SIO
SO
MSB
MSB
23
1
0
00
11
1011
67
5
410 11
9
812
39
42 43
41
40
37 38
33
36
35
34
31 32
29 30
44
47 48
46
45
OPCODE
AAAA
AAA
AA
MSB
XXXXXXXX
MSB
MSB
MSB
D7
D6
D5
D4
D3
D2
D1
D0
D7
D6
D5
D4
D7
D6
D5
D4
D3
D2
D1
D0
ADDRESS BITS A23-A0
DON'T CARE
OUTPUT
DATA BYTE 1
OUTPUT
DATA BYTE 2
HIGH-IMPEDANCE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com