| Electronic Components Datasheet Search |
|
AT26DF161 Datasheet(PDF) 25 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT26DF161 Datasheet(HTML) 25 Page - ATMEL Corporation |
|
25 / 34 page ![]() 25 3599G–DFLASH–8/08 AT26DF161 Figure 11-2. Deep Power-Down 11.3 Resume from Deep Power-Down In order exit the Deep Power-Down mode and resume normal device operation, the Resume from Deep Power-Down command must be issued. The Resume from Deep Power-Down com- mand is the only command that the device will recognize while in the Deep Power-Down mode. To resume from the Deep Power-Down mode, the CS pin must first be asserted and opcode of ABh must be clocked into the device. Any additional data clocked into the device after the opcode will be ignored. When the CS pin is deasserted, the device will exit the Deep Power- Down mode within the maximum time of t RDPD and return to the standby mode. After the device has returned to the standby mode, normal command operations such as Read Array can be resumed. If the complete opcode is not clocked in before the CS pin is deasserted, then the device will abort the operation and return to the Deep Power-Down mode. Figure 11-3. Resume from Deep Power-Down SCK CS SI SO MSB ICC 23 1 0 10111001 67 5 4 OPCODE HIGH-IMPEDANCE Standby Mode Current Active Current Deep Power-Down Mode Current tEDPD SCK CS SI SO MSB ICC 23 1 0 10101011 67 5 4 OPCODE HIGH-IMPEDANCE Deep Power-Down Mode Current Active Current Standby Mode Current tRDPD |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |