Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT26DF321 Datasheet(PDF) 22 Page - ATMEL Corporation

Part # AT26DF321
Description  32-megabit 2.7-volt Only Serial Firmware DataFlash Memory
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT26DF321 Datasheet(HTML) 22 Page - ATMEL Corporation

Back Button AT26DF321_07 Datasheet HTML 18Page - ATMEL Corporation AT26DF321_07 Datasheet HTML 19Page - ATMEL Corporation AT26DF321_07 Datasheet HTML 20Page - ATMEL Corporation AT26DF321_07 Datasheet HTML 21Page - ATMEL Corporation AT26DF321_07 Datasheet HTML 22Page - ATMEL Corporation AT26DF321_07 Datasheet HTML 23Page - ATMEL Corporation AT26DF321_07 Datasheet HTML 24Page - ATMEL Corporation AT26DF321_07 Datasheet HTML 25Page - ATMEL Corporation AT26DF321_07 Datasheet HTML 26Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 35 page
background image
22
3633E–DFLASH–10/07
AT26DF321
The complete one byte of data must be clocked into the device before the CS pin is deasserted;
otherwise, the device will abort the operation, the state of the SPRL bit will not change, no
potential Global Protect or Unprotect will be performed, and the WEL bit in the Status Register
will be reset back to the logical “0” state.
If the WP pin is asserted, then the SPRL bit can only be set to a logical “1”. If an attempt is made
to reset the SPRL bit to a logical “0” while the WP pin is asserted, then the Write Status Register
command will be ignored, and the WEL bit in the Status Register will be reset back to the logical
“0” state. In order to reset the SPRL bit to a logical “0”, the WP pin must be deasserted.
Figure 10-2. Write Status Register
11. Other Commands and Functions
11.1
Read Manufacturer and Device ID
Identification information can be read from the device to enable systems to electronically query
and identify the device while it is in system. The identification method and the command opcode
comply with the JEDEC standard for “Manufacturer and Device ID Read Methodology for SPI
Compatible Serial Interface Memory Devices”. The type of information that can be read from the
device includes the JEDEC defined Manufacturer ID, the vendor specific Device ID, and the ven-
dor specific Extended Device Information.
To read the identification information, the CS pin must first be asserted and the opcode of 9Fh
must be clocked into the device. After the opcode has been clocked in, the device will begin out-
putting the identification data on the SO pin during the subsequent clock cycles. The first byte
that will be output will be the Manufacturer ID followed by two bytes of Device ID information.
The fourth byte output will be the Extended Device Information String Length, which will be 00h
indicating that no Extended Device Information follows. After the Extended Device Information
String Length byte is output, the SO pin will go into a high-impedance state; therefore, additional
clock cycles will have no affect on the SO pin and no data will be output. As indicated in the
JEDEC standard, reading the Extended Device Information String Length and any subsequent
data is optional.
Deasserting the CS pin will terminate the Manufacturer and Device ID read operation and put
the SO pin into a high-impedance state. The CS pin can be deasserted at any time and does not
require that a full byte of data be read.
Table 10-2.
Write Status Register Format
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
SPRL
X
Global Protect/Unprotect
X
X
SCK
CS
SI
SO
MSB
23
1
0
0000000
67
5
410 11
9
8
14 15
13
12
OPCODE
MSB
1D
X
D
D
D
D
X
X
STATUS REGISTER IN
HIGH-IMPEDANCE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com