Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT45DB021D Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT45DB021D
Description  2-megabit 2.7-volt Minimum DataFlash
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45DB021D Datasheet(HTML) 1 Page - ATMEL Corporation

  AT45DB021D_08 Datasheet HTML 1Page - ATMEL Corporation AT45DB021D_08 Datasheet HTML 2Page - ATMEL Corporation AT45DB021D_08 Datasheet HTML 3Page - ATMEL Corporation AT45DB021D_08 Datasheet HTML 4Page - ATMEL Corporation AT45DB021D_08 Datasheet HTML 5Page - ATMEL Corporation AT45DB021D_08 Datasheet HTML 6Page - ATMEL Corporation AT45DB021D_08 Datasheet HTML 7Page - ATMEL Corporation AT45DB021D_08 Datasheet HTML 8Page - ATMEL Corporation AT45DB021D_08 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 52 page
background image
Features
• Single 2.7V to 3.6V Supply
• RapidS® Serial Interface: 66 MHz Maximum Clock Frequency
– SPI Compatible Modes 0 and 3
• User Configurable Page Size
– 256 Bytes per Page
– 264 Bytes per Page
– Page Size Can Be Factory Pre-configured for 256 Bytes
• Page Program Operation
– Intelligent Programming Operation
– 1,024 Pages (256/264 Bytes/Page) Main Memory
• Flexible Erase Options
– Page Erase (256 Bytes)
– Block Erase (2 Kbytes)
– Sector Erase (32 Kbytes)
– Chip Erase (2 Mbits)
• One SRAM Data Buffer (256/264 Bytes)
• Continuous Read Capability through Entire Array
– Ideal for Code Shadowing Applications
• Low-power Dissipation
– 7 mA Active Read Current Typical
– 25 µA Standby Current Typical
– 5 µA Deep Power-down Typical
• Hardware and Software Data Protection Features
– Individual Sector
• Sector Lockdown for Secure Code and Data Storage
– Individual Sector
• Security: 128-byte Security Register
– 64-byte User Programmable Space
– Unique 64-byte Device Identifier
• JEDEC Standard Manufacturer and Device ID Read
• 100,000 Program/Erase Cycles Per Page Minimum
• Data Retention – 20 Years
• Industrial Temperature Range
• Green (Pb/Halide-free/RoHS Compliant) Packaging Options
1.
Description
The AT45DB021D is a 2.7V, serial-interface Flash memory ideally suited for a wide
variety of digital voice-, image-, program code- and data-storage applications. The
AT45DB021D supports RapidS serial interface for applications requiring very high
speed operations. RapidS serial interface is SPI compatible for frequencies up to 66
MHz. Its 2,162,688 bits of memory are organized as 1,024 pages of 256 bytes or 264
bytes each. In addition to the main memory, the AT45DB021D also contains one
SRAM buffer of 256/264 bytes. EEPROM emulation (bit or byte alterability) is easily
handled with a self-contained three step read-modify-write operation. Unlike conven-
tional Flash memories that are accessed randomly with multiple address lines and a
parallel interface, the DataFlash® uses a RapidS serial interface to sequentially
access its data. The simple sequential access dramatically reduces active pin count,
facilitates hardware layout, increases system reliability, minimizes switching noise,
and reduces package size.
2-megabit
2.7-volt
Minimum
DataFlash®
AT45DB021D
3638F–DFLASH–4/08


Similar Part No. - AT45DB021D_08

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT45DB021D ATMEL-AT45DB021D_07 Datasheet
1Mb / 52P
2-megabit 2.7-volt DataFlash
AT45DB021D ATMEL-AT45DB021D_09 Datasheet
1Mb / 54P
2-megabit 2.7-volt Minimum DataFlash
More results

Similar Description - AT45DB021D_08

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT45DB021 ATMEL-AT45DB021 Datasheet
201Kb / 18P
2-Megabit 2.7-volt Only Serial DataFlash
AT45DB021B ATMEL-AT45DB021B Datasheet
261Kb / 33P
2-megabit 2.7-volt Only DataFlash
AT45DB021B ATMEL-AT45DB021B_05 Datasheet
484Kb / 32P
2-megabit 2.7-volt Only DataFlash
AT45DB021D ATMEL-AT45DB021D_07 Datasheet
1Mb / 52P
2-megabit 2.7-volt DataFlash
AT45DB021B ATMEL-AT45DB021B Datasheet
261Kb / 33P
2-megabit 2.7-volt Only DataFlash
AT45DB011D ATMEL-AT45DB011D_08 Datasheet
1Mb / 52P
1-megabit 2.7-volt Minimum DataFlash
AT45DB021D ATMEL-AT45DB021D_09 Datasheet
1Mb / 54P
2-megabit 2.7-volt Minimum DataFlash
AT45DB011D ATMEL-AT45DB011D_09 Datasheet
1Mb / 52P
1-megabit 2.7-volt Minimum DataFlash
logo
List of Unclassifed Man...
AT45DB011D ETC2-AT45DB011D_12 Datasheet
1Mb / 51P
1-megabit 2.7-volt Minimum DataFlash
AT45DB011D ETC2-AT45DB011D Datasheet
2Mb / 52P
1-megabit 2.7-volt Minimum DataFlash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com