Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT40KAL Datasheet(PDF) 21 Page - ATMEL Corporation

Part # AT40KAL
Description  Military Reprogrammable FPGAs with FreeRAM
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT40KAL Datasheet(HTML) 21 Page - ATMEL Corporation

Back Button AT40KAL Datasheet HTML 17Page - ATMEL Corporation AT40KAL Datasheet HTML 18Page - ATMEL Corporation AT40KAL Datasheet HTML 19Page - ATMEL Corporation AT40KAL Datasheet HTML 20Page - ATMEL Corporation AT40KAL Datasheet HTML 21Page - ATMEL Corporation AT40KAL Datasheet HTML 22Page - ATMEL Corporation AT40KAL Datasheet HTML 23Page - ATMEL Corporation AT40KAL Datasheet HTML 24Page - ATMEL Corporation AT40KAL Datasheet HTML 25Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
21
AT40KAL
4263B–AERO–06/03
Figure 13. West I/O (Mirrored for East I/O)
a. Primary I/0
CELL
"0"
"1"
"0"
"1"
PULL-DOWN
PULL-UP
PAD
CELL
b. Secondary I/O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com