Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CC2590RGVT Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # CC2590RGVT
Description  2.4-GHz RF Front End, 14-dBm output power
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2590RGVT Datasheet(HTML) 6 Page - Texas Instruments

Back Button CC2590RGVT Datasheet HTML 2Page - Texas Instruments CC2590RGVT Datasheet HTML 3Page - Texas Instruments CC2590RGVT Datasheet HTML 4Page - Texas Instruments CC2590RGVT Datasheet HTML 5Page - Texas Instruments CC2590RGVT Datasheet HTML 6Page - Texas Instruments CC2590RGVT Datasheet HTML 7Page - Texas Instruments CC2590RGVT Datasheet HTML 8Page - Texas Instruments CC2590RGVT Datasheet HTML 9Page - Texas Instruments CC2590RGVT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
CC2590EM Evaluation Module
c
RXTX
RF_N
RF_P
RXTX
RF_N
= PCBtraceinductor
CC2590
ANT
PAEN
EN
HGM
VDD
VDD
VDD
RF_P
RXTX
RF_N
R151
PAEN
EN
C111
L111
C161
C101/C102
C131/C132
HGM
RXTX
C2
LDB182G4520C-110
Balun
SMA
SMA
C112
CC2590
SWRS080 – SEPTEMBER 2008 ........................................................................................................................................................................................ www.ti.com
Figure 2. CC2590EM Evaluation Module
Table 2. List of Materials (See CC2590EM Reference Design)
DEVICE
FUNCTION
VALUE
L112
Part of antenna match.
1.5 nH: LQW15AN1N5B00 from Murata
C111
Part of antenna match.
0.5 pF, GRM1555C1HR50BZ01 from Murata
C112
DC block.
47 pF, GRM1555C1H470JZ01 from Murata
C161
Decoupling capacitor.
1 nF: GRM1555C1H102JA01 from Murata
27 pF || 1 nF. The smallest cap closest to CC2590.
Decoupling. Will affect PA resonance. See CC2590EM reference
C101/C102
27 pF: GRM1555C1H270JZ01 from Murata
design for placement.
1 nF: GRM1555C1H102JA01 from Murata
18 pF || 1 nF. The smallest cap closest to CC2590.
Decoupling. Will affect LNA resonance. See CC2590EM reference
C131/C132
18 pF: GRM1555C1H180JZ01 from Murata
design for placement.
1 nF: GRM1555C1H102JA01 from Murata
C2
Decoupling of external balun
1 nF: LWQ15AN1N5B00 from Murata
TL101(1)
Transmission line. Will affect PA resonance. (simulated inductance:
See CC2590EM reference design.
0.87nH)
Transmission line: Length
≈ 40 mil, Width = 8 mil
TL131
Transmission line. Will affect LNA resonance. (simulated inductance:
See CC2590EM reference design.
1.64nH)
Transmission line: Length
≈ 100 mil, Width = 8 mil
R151
Bias resistor
4.3 k
Ω: RK73H1ETTP4301F from Koa
(1)
Transmission lines are measured from edge of pad of the CC2590 footprint to edge of pad of DC coupling capacitor. The length of the
transmission lines depend on the distance to the ground plane. If another PCB stack up is chosen the length of the transmission lines
needs to be adjusted.
PCB description: 4 layer PCB 1.6mm
Copper 1: 35
µm
Dielectric 1-2: 0.35 mm (e.g. 2x Prepreg 7628 AT05 47% Resin)
Copper 2: 18
µm
Dielectric 2-3: 0.76 mm (4 x 7628M 43% Resin)
Copper 3: 18
µm
Dielectric 3-4: 0.35 mm (e.g. 2x Prepreg 7628 AT05 47% Resin)
Copper 4: 35
µm
DE104iML or equivalent substrate (Resin contents around 45%, which gives Er=4.42 at 2.4GHz, TanD=0.016)
6
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): CC2590



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com