Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATAM862-3 Datasheet(PDF) 39 Page - ATMEL Corporation

Part # ATAM862-3
Description  Microcontroller with UHF ASK/FSK Transmitter
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATAM862-3 Datasheet(HTML) 39 Page - ATMEL Corporation

Back Button ATAM862-3 Datasheet HTML 35Page - ATMEL Corporation ATAM862-3 Datasheet HTML 36Page - ATMEL Corporation ATAM862-3 Datasheet HTML 37Page - ATMEL Corporation ATAM862-3 Datasheet HTML 38Page - ATMEL Corporation ATAM862-3 Datasheet HTML 39Page - ATMEL Corporation ATAM862-3 Datasheet HTML 40Page - ATMEL Corporation ATAM862-3 Datasheet HTML 41Page - ATMEL Corporation ATAM862-3 Datasheet HTML 42Page - ATMEL Corporation ATAM862-3 Datasheet HTML 43Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 110 page
background image
39
4554F–4BMCU–07/07
ATAM862-3
22.3.1
Port 5 Data Register (P5DAT)
Primary register address: "5"hex
22.3.2
Port 5 Control Register (P5CR) Byte Write
Auxiliary register address: "5"hex
P5xM2, P5xM1 – Port 5x Interrupt Mode/Direction Code
Bit 3Bit 2Bit 1Bit 0
P5DAT3
P5DAT2
P5DAT1
P5DAT0
Reset value: 1111b
Bit 3Bit 2Bit 1Bit 0
First write cycle
P51M2
P51M1
P50M2
P50M1
Reset value: 1111b
Bit 7Bit 6Bit 5Bit 4
Second write cycle
P53M2
P53M1
P52M2
P52M1
Reset value: 1111b
Table 22-2.
Port 5 Control Register
Auxiliary Address: "5"hex, First Write Cycle
Second Write Cycle
Code
3 2 1 0
Function
Code
3 2 1 0
Function
x x 1 1
BP50 in input mode
– interrupt disabled
x x 1 1
BP52 in input mode
– interrupt disabled
x x 0 1
BP50 in input mode
– rising edge interrupt
x x 0 1
BP52 in input mode
– rising edge interrupt
x x 1 0
BP50 in input mode
– falling edge interrupt
x x 1 0
BP52 in input mode
– falling edge interrupt
x x 0 0
BP50 in output mode
– interrupt disabled
x x 0 0
BP52 in output mode
– interrupt disabled
1 1 x x
BP51 in input mode
– interrupt disabled
1 1 x x
BP53 in input mode
– interrupt disabled
0 1 x x
BP51 in input mode
– rising edge interrupt
0 1 x x
BP53 in input mode
– rising edge interrupt
1 0 x x
BP51 in input mode
– falling edge interrupt
1 0 x x
BP53 in input mode
– falling edge interrupt
0 0 x x
BP51 in output mode
– interrupt disabled
0 0 x x
BP53 in output mode
– interrupt disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com