Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2PFT15 Datasheet(PDF) 1 Page - Semtech Corporation

Part # 2PFT15
Description  RECTIFIER, up to 200V, 2.6A, 25ns
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

2PFT15 Datasheet(HTML) 1 Page - Semtech Corporation

  2PFT15 Datasheet HTML 1Page - Semtech Corporation 2PFT15 Datasheet HTML 2Page - Semtech Corporation 2PFT15 Datasheet HTML 3Page - Semtech Corporation 2PFT15 Datasheet HTML 4Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© 1997 SEMTECH CORP.
652 MITCHELL ROAD NEWBURY PARK CA 91320
RECTIFIER, up to 200V, 2.6A, 25ns
2PFT05
2PFT1
2PFT15
2PFT2
January 7, 1998
TEL:805-498-2111 FAX:805-498-3804 WEB:http://www.semtech.com


Similar Part No. - 2PFT15

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
2PF140 SEMTECH-2PF140 Datasheet
112Kb / 3P
AXIAL LEADED HERMETICALLY SEALED HIGH VOLTAGE FAST RECTIFIER DIODE
2PFF0 SEMTECH-2PFF0 Datasheet
115Kb / 4P
Axial Leaded Hermetically Sealed Superfast Recovery Rectifier Diode
2PFF6 SEMTECH-2PFF6 Datasheet
108Kb / 4P
Axial Leaded Hermetically Sealed Superfast Recovery Rectifier Diode
2PFF8 SEMTECH-2PFF8 Datasheet
115Kb / 4P
Axial Leaded Hermetically Sealed Superfast Recovery Rectifier Diode
More results

Similar Description - 2PFT15

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
DSA26 SANYO-DSA26 Datasheet
51Kb / 2P
2.6A Power Rectifier?
logo
Fuji Electric
ERC04F FUJI-ERC04F Datasheet
35Kb / 2P
GENERAL USE RECTIFIER DIODE(200V to 400V / 1.5A )
logo
International Rectifier
IRFR210 IRF-IRFR210 Datasheet
171Kb / 6P
Power MOSFET(Vdss=200V, Rds(on)=1.5ohm, Id=2.6A)
logo
Semtech Corporation
1N5802 SEMTECH-1N5802 Datasheet
204Kb / 3P
RECTIFIER, up to 150V, 2.5A, 25ns
3PFT1 SEMTECH-3PFT1 Datasheet
125Kb / 4P
RECTIFIER, up to 200V, 4A, 30ns
logo
Linear Technology
LTC4413 LINER-LTC4413_15 Datasheet
163Kb / 12P
Dual 2.6A, 2.5V to 5.5V, Ideal Diodes
LTC4413-2 LINER-LTC4413-2_15 Datasheet
190Kb / 16P
Dual 2.6A, 2.5V to 5.5V Fast Ideal Diodes
logo
Micross Components
AS8SLC128K32 MICROSS-AS8SLC128K32 Datasheet
141Kb / 10P
Fast Access Times of 10 to 25ns
logo
Silicon Supplies
MURC820 SS-MURC820 Datasheet
1Mb / 4P
200V 8A 25ns Rectifier
Rev 1.0 27/12/22
1N4003 SS-1N4003 Datasheet
283Kb / 2P
200V 1A Standard Rectifier
Rev 1.0 25/08/23
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com