Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACS8522AT Datasheet(PDF) 39 Page - Semtech Corporation

Part # ACS8522AT
Description  Synchronous Equipment Timing Source for Stratum 3/4E/4 and SMC Systems
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

ACS8522AT Datasheet(HTML) 39 Page - Semtech Corporation

Back Button ACS8522AT Datasheet HTML 35Page - Semtech Corporation ACS8522AT Datasheet HTML 36Page - Semtech Corporation ACS8522AT Datasheet HTML 37Page - Semtech Corporation ACS8522AT Datasheet HTML 38Page - Semtech Corporation ACS8522AT Datasheet HTML 39Page - Semtech Corporation ACS8522AT Datasheet HTML 40Page - Semtech Corporation ACS8522AT Datasheet HTML 41Page - Semtech Corporation ACS8522AT Datasheet HTML 42Page - Semtech Corporation ACS8522AT Datasheet HTML 43Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 118 page
background image
ACS8522A SETS LITE
ADVANCED COMMS & SENSING
FINAL
DATASHEET
Revision 1.00/September 2007 © Semtech Corp.
Page 39
www.semtech.com
Figure 12 and Figure 13 show the timing diagrams of read and write accesses for this mode.
Figure 12 Read Access Timing for SERIAL Interface
Table 18 Read Access Timing for SERIAL Interface (For use with Figure 12)
Symbol
Parameter
MIN
TYP
MAX
tsu1
Setup SDI valid to SCLKrising edge
4 ns
-
-
tsu2
Setup CSBfalling edge to SCLKrising edge
14 ns
-
-
td1
Delay SCLKrising edge (SCLKfalling edge for CLKE = 1) to SDO valid
-
-
18 ns
td2
Delay CSBrising edge to SDO high-Z
-
-
16 ns
tpw1
SCLK Low time
22 ns
-
-
tpw2
SCLK High time
22 ns
-
-
th1
Hold SDI valid after SCLKrising edge
6 ns
-
-
th2
Hold CSB Low after SCLKrising edge, for CLKE = 0
Hold CSB Low after SCLKfalling edge, for CLKE = 1
5 ns
-
-
tp
Time between consecutive accesses (CSBrising edge to CSBfalling edge)10 ns
-
-
F8526D_013ReadAccSerial_01
SCLK
CSB
CLKE = 0; SDO data is clocked out on the rising edge of SCLK
CLKE = 1; SDO data is clocked out on the falling edge of SCLK
R/W
Output not driven, pulled low by internal resistor
SDI
SDO
tsu2
tsu1
th1
tpw1
tpw2
_
A0 A1 A2 A3 A4 A5 A6
D0 D1 D2 D3 D4 D5 D6 D7
th2
td2
td1
SCLK
CSB
R/W
Output not driven, pulled low by internal resistor
SDI
SDO
_
A0 A1 A2 A3 A4 A5 A6
D0 D1 D2 D3 D4 D5 D6 D7
th2
td2
td1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com