Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VN330 Datasheet(PDF) 1 Page - STMicroelectronics

Part # VN330
Description  QUAD HIGH SIDE SMART POWER SOLID STATE RELAY
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN330 Datasheet(HTML) 1 Page - STMicroelectronics

  VN330 Datasheet HTML 1Page - STMicroelectronics VN330 Datasheet HTML 2Page - STMicroelectronics VN330 Datasheet HTML 3Page - STMicroelectronics VN330 Datasheet HTML 4Page - STMicroelectronics VN330 Datasheet HTML 5Page - STMicroelectronics VN330 Datasheet HTML 6Page - STMicroelectronics VN330 Datasheet HTML 7Page - STMicroelectronics VN330 Datasheet HTML 8Page - STMicroelectronics VN330 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
VN330SP
QUAD HIGH SIDE SMART
POWER SOLID STATE RELAY
®
February 1999
1
10
Power SO-10
TM
BLOCK DIAGRAM
T YPE
Vdema g *RDS(on) *IOUT *VCC
VN330SP
VCC-55V 0.32
Ω**
0.7 A
36 V
s
OUTPUT CURRENT: 0.7A PER CHANNEL
s
DIGITAL INPUTS CLAMPED AT 32V
MINIMUM VOLTAGE
s
SHORTED LOAD AND
OVERTEMPERATURE PROTECTIONS
s
BUILT-IN CURRENT LIMITER
s
UNDER VOLTAGE SHUT DOWN
s
OPEN DRAIN DIAGNOSTIC OUTPUT
s
FAST DEMAGNETIZATION OF INDUCTIVE
LOADS
DESCRIPTION
The VN330SP is a monolithic device made using
STMicroelectronics
VIPower
Technology,
intended for driving four indipendent resistive or
inductive loads with one side connected to
ground.
Active current limitation avoids dropping the
system power supply in case of shorted load.
Built-in thermal shut-down protects the chip from
over temperature and short circuit.
The open drain diagnostic output indicates short
circuit and overtemperature conditions.
* per Channel
** at TJ =85
oC
1/9


Similar Part No. - VN330

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VN330SP-32-E STMICROELECTRONICS-VN330SP-32-E Datasheet
158Kb / 14P
QUAD HIGH SIDE SMART POWER SOLID STATE RELAY
05-Sep-2005
VN330SP-32-E STMICROELECTRONICS-VN330SP-32-E Datasheet
204Kb / 15P
Quad high side smart Power solid state relay
19-Mar-2007
VN330SP-32-E STMICROELECTRONICS-VN330SP-32-E_07 Datasheet
204Kb / 15P
Quad high side smart Power solid state relay
19-Mar-2007
VN330SP-E STMICROELECTRONICS-VN330SP-E Datasheet
204Kb / 15P
Quad high side smart Power solid state relay
27-Mar-2007
VN330SP-E STMICROELECTRONICS-VN330SP-E Datasheet
204Kb / 15P
Quad high side smart Power solid state relay
19-Mar-2007
More results

Similar Description - VN330

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VN340SP STMICROELECTRONICS-VN340SP Datasheet
222Kb / 9P
QUAD HIGH SIDE SMART POWER SOLID STATE RELAY
Aug-2000
VN330SP-32-E STMICROELECTRONICS-VN330SP-32-E Datasheet
158Kb / 14P
QUAD HIGH SIDE SMART POWER SOLID STATE RELAY
05-Sep-2005
VN330SP-E STMICROELECTRONICS-VN330SP-E Datasheet
204Kb / 15P
Quad high side smart Power solid state relay
27-Mar-2007
VNI4140K STMICROELECTRONICS-VNI4140K Datasheet
527Kb / 23P
Quad high side smart power solid state relay
19-Mar-2012
VN340SP-E STMICROELECTRONICS-VN340SP-E Datasheet
211Kb / 16P
Quad high side smart Power solid state relay
05-Mar-2007
VN340SP-33-E STMICROELECTRONICS-VN340SP-33-E Datasheet
210Kb / 16P
Quad high side smart Power solid state relay
19-Mar-2007
VN330SP-32-E STMICROELECTRONICS-VN330SP-32-E_07 Datasheet
204Kb / 15P
Quad high side smart Power solid state relay
19-Mar-2007
VN340SP-33-E STMICROELECTRONICS-VN340SP-33-E_08 Datasheet
236Kb / 16P
Quad high side smart power solid state relay
22-Aug-2008
VNI4140K-32 STMICROELECTRONICS-VNI4140K-32 Datasheet
525Kb / 26P
Quad high side smart power solid state relay
07-Mar-2012
VNI4140K STMICROELECTRONICS-VNI4140K_12 Datasheet
519Kb / 25P
Quad high-side smart power solid-state relay
19-Mar-2012
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com