Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TK5551 Datasheet(PDF) 2 Page - ATMEL Corporation

Part # TK5551
Description  Standard Read/Write ID Transponder with Anti-collision
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TK5551 Datasheet(HTML) 2 Page - ATMEL Corporation

  TK5551_06 Datasheet HTML 1Page - ATMEL Corporation TK5551_06 Datasheet HTML 2Page - ATMEL Corporation TK5551_06 Datasheet HTML 3Page - ATMEL Corporation TK5551_06 Datasheet HTML 4Page - ATMEL Corporation TK5551_06 Datasheet HTML 5Page - ATMEL Corporation TK5551_06 Datasheet HTML 6Page - ATMEL Corporation TK5551_06 Datasheet HTML 7Page - ATMEL Corporation TK5551_06 Datasheet HTML 8Page - ATMEL Corporation TK5551_06 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
4709F–RFID–06/06
TK5551
Figure 1-1.
System Block Diagram
2.
General
The transponder is the mobile part of the closed coupled identification system (see Figure 1-1),
whereas the read/write base station is based on the U2270B or on discrete solutions, and the
read/write transponder is based on the IDIC e5551.
The transponder is a plastic cube device consisting of the following parts:
• The transponder antenna, realized as a tuned LC circuit
• Read/write IDIC (e5551) with EEPROM
3.
Transponder Antenna
The antenna consists of a coil and a capacitor for tuning the circuit to the nominal carrier fre-
quency of 125 kHz. The coil has a ferrite core for improving the distance of read, write and
programming operations.
4.
Read/Write IDIC e5551
The read/write IDIC e5551 is part of the transponder TK5551. The data are transmitted bi-direc-
tionally between the base station and the transponder. The transponder receives power via a
single coil from the RF signal generated by the base station. The single coil is connected to the
chip and also serves as the IC’s bi-directional communication interface.
Data are transmitted by modulating the amplitude of the RF signal. Reading of register contents
occurs by damping the coil by an internal load. Writing into registers occurs by interrupting the
RF field in a specific way. The TK5551 transponder operates at a nominal frequency of 125 kHz.
There are different bit rates and encoding schemes.
The on-chip 264-bit EEPROM (8 block, 33 bits each) can be read and written block wise from
the base station. The blocks can be protected against overwriting by using lock bits. One block is
reserved for setting the operation modes of the IC. Another block contains a password to pre-
vent unauthorized writing.
See e5551 data sheet for more detailed information of the IDIC.
e5551
RF Field
Data
Power
Coil
C
(e5551 + coil + C in plastic package)
TK5551 Transponder
Base Station
U2270B read/ write IC
MARC4 series
microcontroller



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com