Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC417 Datasheet(PDF) 15 Page - Semtech Corporation

Part # SC417
Description  10A Integrated FET Regulator with Programmable LDO
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC417 Datasheet(HTML) 15 Page - Semtech Corporation

Back Button SC417 Datasheet HTML 11Page - Semtech Corporation SC417 Datasheet HTML 12Page - Semtech Corporation SC417 Datasheet HTML 13Page - Semtech Corporation SC417 Datasheet HTML 14Page - Semtech Corporation SC417 Datasheet HTML 15Page - Semtech Corporation SC417 Datasheet HTML 16Page - Semtech Corporation SC417 Datasheet HTML 17Page - Semtech Corporation SC417 Datasheet HTML 18Page - Semtech Corporation SC417 Datasheet HTML 19Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 29 page
background image
SC417/SC427
15
always on, with no intentional dead time other than to
avoid cross-conduction. This feature results in uniform
frequency across the full load range with the trade-off
being poor efficiency at light loads due to the high-fre-
quency switching of the MOSFETs.
FB Ripple
Voltage (VFB)
FB threshold
DL
DH
Inductor
Current
DC Load Current
DH on-time is triggered when
VFB reaches the FB Threshold.
(500mV)
On-time
(TON)
DL drives high when on-time is completed.
DL remains high until VFB falls to the FB threshold.
Figure 4 — Forced Continuous Mode Operation
Ultra-sonic Power-save Operation (SC417)
The SC417 provides ultra-sonic power-save operation at
light loads, with the minimum operating frequency fixed
at 25kHz. This is accomplished using an internal timer that
monitors the time between consecutive high-side gate
pulses. If the time exceeds 40μs, DL drives high to turn the
low-side MOSFET on. This draws current from V
OUT
through
the inductor, forcing both V
OUT
and V
FB
to fall. When V
FB
drops to the 500mV threshold, the next DH on-time is trig-
gered. After the on-time is completed the high-side
MOSFET is turned off and the low-side MOSFET turns on.
The low-side MOSFET remains on until the inductor
current ramps down to zero, at which point the low-side
MOSFET is turned off.
Because the on-times are forced to occur at intervals no
greater than 40μs, the frequency will not fall below
~25kHz. Figure 5 shows ultra-sonic power-save
operation.
FB Ripple
Voltage (VFB)
FB threshold
(500mV)
Inductor
Current
DH
DL
(0A)
40μs time-out
minimum fSW ~ 25kHz
After the 40μsec time-out, DL drives high if VFB
has not reached the FB threshold.
DH On-time is triggered when
VFB reaches the FB Threshold
On-time
(TON)
Figure 5 — Ultrasonic Power-save Operation
Power-save Mode Operation (SC427)
The SC427 provides power-save operation at light loads
with no minimum operating frequency. With power-save
enabled, the internal zero crossing comparator monitors
the inductor current via the voltage across the low-side
MOSFET during the off-time. If the inductor current falls to
zero for 8 consecutive switching cycles, the controller
enters power-save operation. It will turn off the low-side
MOSFET on each subsequent cycle provided that the
current crosses zero. At this time both MOSFETs remain
off until V
FB
drops to the 500mV threshold. Because the
MOSFETs are off, the load is supplied by the output capaci-
tor. If the inductor current does not reach zero on any
switching cycle, the controller immediately exits power-
save and returns to forced continuous mode. Figure 6
shows power-save operation at light loads.
Applications Information (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com