Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC431 Datasheet(PDF) 8 Page - Semtech Corporation

Part # SC431
Description  Adjustable Shunt Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC431 Datasheet(HTML) 8 Page - Semtech Corporation

  SC431_08 Datasheet HTML 1Page - Semtech Corporation SC431_08 Datasheet HTML 2Page - Semtech Corporation SC431_08 Datasheet HTML 3Page - Semtech Corporation SC431_08 Datasheet HTML 4Page - Semtech Corporation SC431_08 Datasheet HTML 5Page - Semtech Corporation SC431_08 Datasheet HTML 6Page - Semtech Corporation SC431_08 Datasheet HTML 7Page - Semtech Corporation SC431_08 Datasheet HTML 8Page - Semtech Corporation SC431_08 Datasheet HTML 9Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
8
 2008 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC431
REFERENCE IPC-SM-782A.
2.
E
.037
0.95
Y
Y
G
Z
C
E
X
E1
E1
.075
1.90
NOTES:
1. THIS LAND PATTERN IS FOR REFERENCE PURPOSES ONLY
CONSULT YOUR MANUFACTURING GROUP TO ENSURE YOUR
COMPANY'S MANUFACTURING GUIDELINES ARE MET.
DIM
Y
Z
G
X
C
MILLIMETERS
INCHES
(2.20)
.055
.141
.039
.031
(.087)
1.40
3.60
1.00
0.80
DIMENSIONS
e
e1
D
E1
E
bxN
12
3
A1
A2
A
3X
A
bbb
C A B
B
H
0.25
C
SEATING
PLANE
GAUGE
SEE DETAIL A
PLANE
0
c
L
L1
DETAIL A
1.40
1.20
N
33
0
-
8°
0°
8°
0°
-
.055
.047
DATUMS
AND
TO BE DETERMINED AT DATUM PLANE
-A-
-B-
2.
-H-
C
SEATING PLANE
aaa C
bbb
.008
0.20
aaa
.004
0.10
INCHES
.114
L1
E
D
b
e
c
.012
.003
.082
A1
DIM
A
MIN
.000
.035
0.51
0.18
2.64
0.30
0.08
2.10
.022
-
.075
-
.093
.020
.007
.104
(0.55)
1.90 BSC
-
-
2.37
2.90
MILLIMETERS
MAX
0.10
1.12
MIN
DIMENSIONS
0.01
MAX
NOM
-
-
.004
.044
NOM
0.89
-
-
CONTROLLING DIMENSIONS ARE IN MILLIMETERS (ANGLES IN DEGREES).
NOTES:
OR GATE BURRS.
DIMENSIONS "E1" AND "D" DO NOT INCLUDE MOLD FLASH, PROTRUSIONS
3.
1.
3.04
2.80
.110
.120
e1
.037
0.95 BSC
L
.015
.020
0.50
0.40
.024
0.60
A2
.035
.037
0.95
0.88
.040
1.02
E1
.051
1.30
SIDE VIEW
Land Pattern - SOT-23-3
Outline Drawing - SOT-23-3



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com