Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC431L Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC431L
Description  Low Voltage Adjustable Shunt Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC431L Datasheet(HTML) 1 Page - Semtech Corporation

  SC431L_08 Datasheet HTML 1Page - Semtech Corporation SC431L_08 Datasheet HTML 2Page - Semtech Corporation SC431L_08 Datasheet HTML 3Page - Semtech Corporation SC431L_08 Datasheet HTML 4Page - Semtech Corporation SC431L_08 Datasheet HTML 5Page - Semtech Corporation SC431L_08 Datasheet HTML 6Page - Semtech Corporation SC431L_08 Datasheet HTML 7Page - Semtech Corporation SC431L_08 Datasheet HTML 8Page - Semtech Corporation SC431L_08 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
POWER MANAGEMENT
1
www.semtech.com
SC431L
Low Voltage Adjustable
Shunt Regulator
Description
Features
Revision: May 16, 2008
The SC431L is a three terminal adjustable shunt
regulator with thermal stability guaranteed over
temperature. The output voltage can be adjusted to any
value from 1.24V (V
REF) to 20V with two external
resistors. The SC431L has a typical dynamic output
impedance of 0.05
Ω. Active output circuitry provides a
very sharp turn on characteristic, making the SC431L an
excellent replacement for zener diodes.
The SC431L shunt regulator is available with four volt-
age tolerances (0.25%, 0.5%, 1.0% and 2.0%), two
operating temperature ranges (commercial and indus-
trial) and two package options (SOT-23-3 and SOT-23-
5). This allows the designer the opportunity to select the
optimum combination of cost and performance for their
application.
Linear Regulators
Adjustable Supplies
Switching Power Supplies
Battery Operated Computers
Instrumentation
Computer Disk Drives
Low voltage operation (down to 1.24V)
Wide operating current range 100µA to 100mA
Low dynamic output impedance 0.05
Ω typ.
Trimmed bandgap design ± 0.25%
Upgrade for TLV431A
SOT-23-3 and SOT-23-5 packages. Also available in
Lead-free package, fully WEEE and RoHS compliant
Notes:
1) Set V
OUT according to the following equation:
1
R
I
2
R
1
R
1
V
V
REF
REF
OUT
+
 +
=
2) Choose the value for R as follows:
• The maximum limit for R should be such that the
cathode current, I
Z, is greater than the minimum
operating current (100µA) at V
IN(MIN).
• The minimum limit for R should be such that I
Z does
not exceed 100mA under all load conditions, and the
instantaneous turn-on value for I
Z does not exceed
150mA. Both of the following conditions must be met:
mA
150
V
R
(max)
IN
min ≥
(to limit instantaneous turn-on I
Z)
mA
100
I
V
V
R
(min)
OUT
OUT
(max)
IN
min
+
−
≥
(to limit I
Z under normal
operating conditions)
Applications
Typical Application Circuit(1)(2)


Similar Part No. - SC431L_08

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC431L SEMTECH-SC431L_07 Datasheet
207Kb / 10P
Low Voltage Adjustable Shunt Regulator
More results

Similar Description - SC431L_08

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC431L SEMTECH-SC431L Datasheet
261Kb / 7P
LOW VOLTAGE ADJUSTABLE SHUNT REGULATOR?
logo
Advanced Analogic Techn...
AHK432 ANALOGICTECH-AHK432 Datasheet
274Kb / 8P
Adjustable Low Voltage Shunt Regulator
logo
List of Unclassifed Man...
CM431 ETC-CM431 Datasheet
223Kb / 12P
LOW VOLTAGE ADJUSTABLE SHUNT REGULATOR
CM431A ETC-CM431A Datasheet
416Kb / 14P
LOW VOLTAGE ADJUSTABLE SHUNT REGULATOR
CM431L ETC1-CM431L Datasheet
354Kb / 13P
LOW VOLTAGE ADJUSTABLE SHUNT REGULATOR
logo
Advanced Analog Technol...
AHK432 AAT-AHK432 Datasheet
152Kb / 10P
Adjustable Low Voltage Shunt Regulator
432.2005.11.1.3
logo
Champion Microelectroni...
CM431 CHAMP-CM431 Datasheet
221Kb / 12P
LOW VOLTAGE ADJUSTABLE SHUNT REGULATOR
logo
Semtech Corporation
SC431L SEMTECH-SC431L_07 Datasheet
207Kb / 10P
Low Voltage Adjustable Shunt Regulator
logo
Advanced Analogic Techn...
AHK432 ANALOGICTECH-AHK432_05 Datasheet
152Kb / 10P
Adjustable Low Voltage Shunt Regulator
logo
Champion Microelectroni...
CM431A CHAMP-CM431A Datasheet
348Kb / 14P
LOW VOLTAGE ADJUSTABLE SHUNT REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com