Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC471 Datasheet(PDF) 13 Page - Semtech Corporation

Part # SC471
Description  Synchronous Buck Controller with Multi-Level VOUT Transition Support
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC471 Datasheet(HTML) 13 Page - Semtech Corporation

Back Button SC471_08 Datasheet HTML 9Page - Semtech Corporation SC471_08 Datasheet HTML 10Page - Semtech Corporation SC471_08 Datasheet HTML 11Page - Semtech Corporation SC471_08 Datasheet HTML 12Page - Semtech Corporation SC471_08 Datasheet HTML 13Page - Semtech Corporation SC471_08 Datasheet HTML 14Page - Semtech Corporation SC471_08 Datasheet HTML 15Page - Semtech Corporation SC471_08 Datasheet HTML 16Page - Semtech Corporation SC471_08 Datasheet HTML 17Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
13
© 2008 Semtech Corp.
SC471/SC471A
www.semtech.com
POWER MANAGEMENT
VOUT
FB
R1
R2
D0/D1
D0/D1
RTN
750mV
(FB threshold)
FB
DH
DL
Final
VOUT
Initial
VOUT
Voltage overshoot
VOUT
R3/R4
Figure 8
The overshoot can be approximated by the following
equation, where ICL is the current limit, V
FINAL is the desired
setpoint for the final voltage, L is in μH and COUT is in μF.
VMAX = √( ICL2 • L/COUT + VFINAL2 )
This overshoot can be eliminated by using a small RC
circuit to smooth the voltage seen at FB, see Figure 9.
The presence of Rs/Cs will prevent the rapid changes at
D0/D1 from moving FB too quickly. The result is a gradual
change from VOUT
INITIAL to VOUTFINAL, which prevents the
build-up of high inductor current and reduces overshoot.
Note: Cs can be connected to either VOUT or GND. VOUT is
preferred because this results in higher ripple seen at the FB
pin, which improves stability.
RTN
750mV
(FB threshold)
FB
DH
DL
Final
VOUT
Initial
VOUT
VOUT
VOUT
FB
R1
R2
RS
CS
VS
D0/D1
R3/R4
D0/D1
CS
Figure 9
Note: that Rs/Cs are part of the FB resistor divider and therefore
affect the output voltage sensing. To minimize the effect of
this, select Rs and Cs according to the following guidelines:
The total of Rs + R3/R4 should be chosen to give the
correct total resistance needed to adjust VOUT. Set RS
= R3/R4.
Cs should be chosen to give a time constant equal to
approximately 18μsec for 325 kHz operation. Note that
Cs is charging through a resistive network composed of
Rs/R1/R2/R3/R4. The effective resistance seen by Cs
is equal to the parallel combination of (R1 + Rs) and R3
or R4. For example, if the values for R1/R2/Rs/R3 are
10K/50K/18.7K/18.7K, then the effective resistance for
(10K + 18.7K) paralleled with 18.7K, which is 11.2K. To
set a time constant of 18μsec, CS should be approximately
18μsec/11.2k = 1600pF.
Applications Information (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com