Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC471AEVB Datasheet(PDF) 15 Page - Semtech Corporation

Part # SC471AEVB
Description  Synchronous Buck Controller with Multi-Level VOUT Transition Support
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC471AEVB Datasheet(HTML) 15 Page - Semtech Corporation

Back Button SC471AEVB Datasheet HTML 11Page - Semtech Corporation SC471AEVB Datasheet HTML 12Page - Semtech Corporation SC471AEVB Datasheet HTML 13Page - Semtech Corporation SC471AEVB Datasheet HTML 14Page - Semtech Corporation SC471AEVB Datasheet HTML 15Page - Semtech Corporation SC471AEVB Datasheet HTML 16Page - Semtech Corporation SC471AEVB Datasheet HTML 17Page - Semtech Corporation SC471AEVB Datasheet HTML 18Page - Semtech Corporation SC471AEVB Datasheet HTML 19Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 27 page
background image
15
© 2008 Semtech Corp.
SC471/SC471A
www.semtech.com
POWER MANAGEMENT
This current sensing scheme actually regulates the
inductor valley current, (see Figure 11). This means that
if the current limit is set to 10A, the peak current through
the inductor would be 10A plus the peak ripple current,
and the average current through the inductor would be
10A plus 1/2 the peak-to-peak ripple current.
I LIMIT
ILOAD
IPEAK
TIME
Valley Current Limit
Figure 11
The RDSON sensing circuit is shown in Figure 12 with
RILIM = R1 and RDSON of Q2.
D1
VOUT
+5V
VBAT
+
C1
Q2
+
C3
D2
R1
GND
DL
VDD
ILIM
LX
DH
BST
C2
Q1
SC471/A
L
Figure 12
The resistor sensing circuit is shown in Figure 13 with
RILIM = R1 and RSENSE = R4.
Vout
R1
+5V
L1
+
R4
GND
DL
VDD
ILIM
LX
DH
BST
VBAT
SC471/A
+
C1
C2
D1
Q2
Q1
D2
C3
Figure 13
For resistor sensing, the current through the lower MOSFET
and the source sense resistor develops a voltage that
opposes the voltage developed across RILIM. When the
voltage developed across the RSENSE resistor reaches
voltage drop across RILIM, an over-current exists and the
high-side MOSFET will not be allowed to turn on.
The following over-current equation can be used for both
RDSON or resistive sensing. For RDSON sensing, the
MOSFET RDSON rating is used for the value of RSENSE.
SENSE
R
ILIM
R
A
10
Valley
OC
IL
Power Good Output
The power good (PGD) output is an open-drain output
which requires a pull-up resistor.
When the output
voltage as sensed at FB is -20% from the 0.75V reference
(600mV), PGD is pulled low. It is held low until the output
voltage returns above -20% of nominal. PGD is held low
during start-up and will not be allowed to transition high
until soft-start is completed when FB reaches 0.75V.
There is a 5μs delay built into the PGD circuit to prevent
false transitions.
PGD also transitions low if the FB pin exceeds +20% of
nominal, which is also the over-voltage shutdown point.
Applications Information (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com