Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2016L100/33 Datasheet(PDF) 5 Page - Littelfuse

Part # 2016L100/33
Description  POLYFUSE짰 Resettable PTCs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

2016L100/33 Datasheet(HTML) 5 Page - Littelfuse

  2016L100/33 Datasheet HTML 1Page - Littelfuse 2016L100/33 Datasheet HTML 2Page - Littelfuse 2016L100/33 Datasheet HTML 3Page - Littelfuse 2016L100/33 Datasheet HTML 4Page - Littelfuse 2016L100/33 Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
©2008 Littelfuse, Inc.
Revised: October 24, 2008
POLYFUSE® Resettable PTCs
Surface Mount > 2016L Series
2016L Series
Specifications are subject to change without notice.
Please refer to www.littelfuse.com/series/2016L.html for current information.
TAPE SPECIFICATIONS: EIA-481-1 (mm)
REEL DIMENSIONS:
EIA-481-1 (mm)
2016L100
2016L200
2016L030
2016L100/33
2016L150
2016L050
W
12.0+/- 0.30
12.0+/- 0.30
12.0+/- 0.30
H
12.0+/- 0.05
F
5.50+/- 0.05
5.50+/- 0.05
5.50+/- 0.05
W
9.0+/- 0.5
E
1
1.75+/- 0.10
1.75+/- 0.10
1.75+/- 0.10
D
Ø 60+0.5
D
0
1.55+/- 0.05
1.55+/- 0.05
1.55+/- 0.05
F
Ø13.0+/- 0.2
D
1
1.50 (MIN)
1.50 (MIN)
1.50 (MIN)
C
Ø178+/- 1.0
P
0
4.0+/- 0.10
4.0+/- 0.10
4.0+/- 0.10
H
1
11+/- 0.5
P
1
8.0+/- 0.10
8.0+/- 0.10
8.0+/- 0.10
W
1
2.2+/- 0.5
P
2
2.0+/- 0.05
2.0+/- 0.05
2.0+/- 0.05
W
2
3.0+0.5
A
0
4.40+/- 0.10
4.48+/- 0.10
4.45+/- 0.10
W
3
4.0+0.5
B
0
5.50+/- 0.10
5.40+/- 0.10
5.48+/- 0.10
W
4
5.5+0.5
T
0.25+/- 0.10
0.25+/- 0.10
0.25+/- 0.10
K
O
0.80+/- 0.10
1.36+/- 0.10
1.86+/- 0.10
Leader Min.
390
390
390
Trailer Min.
160
160
160
W4
W2
W3
W1
F
H1
W
C
D
H
D2
K0
B0
A0
T
F
W
E1
P2
D0
P0
P1
Tape and Reel Specifications
Tape and Reel Diagram



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com