Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP83848J Datasheet(PDF) 21 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DP83848J
Description  PHYTER짰 Mini LS Commercial Temperature Single Port 10/100 Ethernet Transceiver
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83848J Datasheet(HTML) 21 Page - National Semiconductor (TI)

Back Button DP83848J Datasheet HTML 17Page - National Semiconductor (TI) DP83848J Datasheet HTML 18Page - National Semiconductor (TI) DP83848J Datasheet HTML 19Page - National Semiconductor (TI) DP83848J Datasheet HTML 20Page - National Semiconductor (TI) DP83848J Datasheet HTML 21Page - National Semiconductor (TI) DP83848J Datasheet HTML 22Page - National Semiconductor (TI) DP83848J Datasheet HTML 23Page - National Semiconductor (TI) DP83848J Datasheet HTML 24Page - National Semiconductor (TI) DP83848J Datasheet HTML 25Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 78 page
background image
21
www.national.com
RMII mode requires a 50 MHz oscillator be connected to
the device X1 pin. A 50 MHz crystal is not supported.
To tolerate potential frequency differences between the 50
MHz reference clock and the recovered receive clock, the
receive RMII function includes a programmable elasticity
buffer. The elasticity buffer is programmable to minimize
propagation delay based on expected packet size and
clock accuracy. This allows for supporting a range of
packet sizes including jumbo frames.
The elasticity buffer will force Frame Check Sequence
errors for packets which overrun or underrun the FIFO.
Underrun and Overrun conditions can be reported in the
RMII and Bypass Register (RBR). The following table indi-
cates how to program the elasticity buffer fifo (in 4-bit incre-
ments) based on expected max packet size and clock
accuracy. It assumes both clocks (RMII Reference clock
and far-end Transmitter clock) have the same accuracy
3.3 802.3U MII SERIAL MANAGEMENT INTER-
FACE
3.3.1 Serial Management Register Access
The serial management MII specification defines a set of
thirty-two 16-bit status and control registers that are acces-
sible through the management interface pins MDC and
MDIO. The DP83848J implements all the required MII reg-
isters as well as several optional registers. These registers
are fully described in Section 7.0. A description of the serial
management access protocol follows.
3.3.2 Serial Management Access Protocol
The serial control interface consists of two pins, Manage-
ment Data Clock (MDC) and Management Data Input/Out-
put (MDIO). MDC has a maximum clock rate of 25 MHz
and no minimum rate. The MDIO line is bi-directional and
may be shared by up to 32 devices. The MDIO frame for-
mat is shown below in Table 5..
The MDIO pin requires a pull-up resistor (1.5 k
Ω) which,
during IDLE and turnaround, will pull MDIO high. In order to
initialize the MDIO interface, the station management entity
sends a sequence of 32 contiguous logic ones on MDIO to
provide the DP83848J with a sequence that can be used to
establish synchronization. This preamble may be gener-
ated either by driving MDIO high for 32 consecutive MDC
clock cycles, or by simply allowing the MDIO pull-up resis-
tor to pull the MDIO pin high during which time 32 MDC
clock cycles are provided. In addition, 32 MDC clock cycles
should be used to re-sync the device if an invalid start,
opcode, or turnaround bit is detected.
The DP83848J waits until it has received this preamble
sequence before responding to any other transaction.
Once the DP83848J serial management port has been ini-
tialized no further preamble sequencing is required until
after a power-on/reset, invalid Start, invalid Opcode, or
invalid turnaround bit has occurred.
The Start code is indicated by a <01> pattern. This assures
the MDIO line transitions from the default idle line state.
Turnaround is defined as an idle bit time inserted between
the Register Address field and the Data field. To avoid con-
tention during a read transaction, no device shall actively
drive the MDIO signal during the first bit of Turnaround.
The addressed DP83848J drives the MDIO with a zero for
the second bit of turnaround and follows this with the
required data. Figure 4 shows the timing relationship
between MDC and the MDIO as driven/received by the Sta-
tion (STA) and the DP83848J (PHY) for a typical register
read access.
For write transactions, the station management entity
writes data to the addressed DP83848J thus eliminating
the requirement for MDIO Turnaround. The Turnaround
time is filled by the management entity by inserting <10>.
Figure 5 shows the timing relationship for a typical MII reg-
ister write access.
Table 4. Supported packet sizes at +/-50ppm +/-100ppm for each clock
Start Threshold
RBR[1:0]
Latency Tolerance
Recommended Packet Size
at +/- 50ppm
Recommended Packet Size
at +/- 100ppm
1 (4-bits)
2 bits
2400 bytes
1200 bytes
2 (8-bits)
6 bits
7200 bytes
3600 bytes
3 (12-bits)
10 bits
12000 bytes
6000 bytes
0 (16-bits)
14 bits
16800 bytes
8400 bytes
Table 5. Typical MDIO Frame Format
MII Management
Serial Protocol
<idle><start><op code><device addr><reg addr><turnaround><data><idle>
Read Operation
<idle><01><10><AAAAA><RRRRR><Z0><xxxx xxxx xxxx xxxx><idle>
Write Operation
<idle><01><01><AAAAA><RRRRR><10><xxxx xxxx xxxx xxxx><idle>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com