Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC2923 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # LPC2923
Description  ARM9 microcontroller with CAN, LIN, and USB device
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC2923 Datasheet(HTML) 1 Page - NXP Semiconductors

  LPC2923 Datasheet HTML 1Page - NXP Semiconductors LPC2923 Datasheet HTML 2Page - NXP Semiconductors LPC2923 Datasheet HTML 3Page - NXP Semiconductors LPC2923 Datasheet HTML 4Page - NXP Semiconductors LPC2923 Datasheet HTML 5Page - NXP Semiconductors LPC2923 Datasheet HTML 6Page - NXP Semiconductors LPC2923 Datasheet HTML 7Page - NXP Semiconductors LPC2923 Datasheet HTML 8Page - NXP Semiconductors LPC2923 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 81 page
background image
1.
General description
The LPC2921/2923/2925 combine an ARM968E-S CPU core with two integrated TCM
blocks operating at frequencies of up to 125 MHz, Full-speed USB 2.0 device controller,
CAN and LIN, up to 40 kB SRAM, up to 512 kB flash memory, two 10-bit ADCs, and
multiple serial and parallel interfaces in a single chip targeted at consumer, industrial,
medical, communication, and automotive markets. To optimize system power
consumption, the LPC2921/2923/2925 has a very flexible Clock Generation Unit (CGU)
that provides dynamic clock gating and scaling.
2.
Features
ARM968E-S processor running at frequencies of up to 125 MHz maximum.
Multilayer AHB system bus at 125 MHz with four separate layers.
On-chip memory:
Two Tightly Coupled Memories (TCM), 16 kB Instruction (ITCM) and 16 kB Data
TCM (DTCM).
On the LPC2925, two separate internal Static RAM (SRAM) instances, 16 kB each.
On the LPC2923 and LPC2921, one 16 kB SRAM block.
8 kB ETB SRAM, also usable for code execution and data.
Up to 512 kB high-speed flash-program memory.
16 kB true EEPROM, byte-erasable/programmable.
Dual-master, eight-channel GPDMA controller on the AHB multilayer matrix which can
be used with both I2C interfaces, the SPI interfaces, and the UARTs, as well as for
memory-to-memory transfers including the TCM memories.
Serial interfaces:
USB 2.0 full-speed device controller with dedicated DMA controller and on-chip
device PHY.
Two-channel CAN controller supporting Full-CAN and extensive message filtering.
Two LIN master controllers with full hardware support for LIN communication. The
LIN interface can be configured as UART to provide two additional UART
interfaces.
Two 550 UARTs with 16-byte Tx and Rx FIFO depths, DMA support, and RS485
(9-bit) support.
Three full-duplex Q-SPIs with four slave-select lines; 16 bits wide; 8 locations deep;
Tx FIFO and Rx FIFO.
Two I2C-bus interfaces.
LPC2921/2923/2925
ARM9 microcontroller with CAN, LIN, and USB device
Rev. 00.01 — 24 October 2008
Preliminary data sheet


Similar Part No. - LPC2923

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC2923 NXP-LPC2923 Datasheet
391Kb / 83P
ARM9 microcontroller with CAN, LIN, and USB
Rev. 01-15 June 2009
LPC2923 NXP-LPC2923 Datasheet
571Kb / 84P
ARM9 microcontroller with CAN, LIN, and USB
Rev. 03-14 April 2010
LPC2923 NXP-LPC2923 Datasheet
4Mb / 12P
NXP Microcontrollers Selection Guide
November 2012
LPC2923FBD100 NXP-LPC2923FBD100 Datasheet
391Kb / 83P
ARM9 microcontroller with CAN, LIN, and USB
Rev. 01-15 June 2009
LPC2923FBD100 NXP-LPC2923FBD100 Datasheet
571Kb / 84P
ARM9 microcontroller with CAN, LIN, and USB
Rev. 03-14 April 2010
More results

Similar Description - LPC2923

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC2917 PHILIPS-LPC2917 Datasheet
1Mb / 68P
ARM9 microcontroller with CAN and LIN
Rev.1.01-15 November 2007
LPC2917 NXP-LPC2917 Datasheet
411Kb / 86P
ARM9 microcontroller with CAN and LIN
Rev. 02-17 June 2009
LPC2921 NXP-LPC2921 Datasheet
391Kb / 83P
ARM9 microcontroller with CAN, LIN, and USB
Rev. 01-15 June 2009
LPC2927 NXP-LPC2927 Datasheet
445Kb / 95P
ARM9 microcontroller with CAN, LIN, and USB
Rev. 02-22 June 2009
LPC2921 NXP-LPC2921_10 Datasheet
571Kb / 84P
ARM9 microcontroller with CAN, LIN, and USB
Rev. 03-14 April 2010
LPC2927 NXP-LPC2927_10 Datasheet
637Kb / 95P
ARM9 microcontroller with CAN, LIN, and USB
Rev. 04-14 April 2010
LPC2930 NXP-LPC2930 Datasheet
670Kb / 98P
ARM9 flashless microcontroller with CAN, LIN, and USB
Rev. 03-16 April 2010
LPC2939 NXP-LPC2939 Datasheet
2Mb / 99P
ARM9 microcontroller with CAN, LIN, and USB
Rev. 03-7 April 2010
LPC2926 NXP-LPC2926 Datasheet
1Mb / 95P
ARM9 microcontroller with CAN, LIN, and USB
Rev. 5-28 September 2010
logo
Microchip Technology
PIC32 MICROCHIP-PIC32 Datasheet
1Mb / 6P
PIC32 Microcontroller Families With USB, CAN and Ethernet
Winter 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com