Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP83848M Datasheet(PDF) 35 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DP83848M
Description  PHYTER짰 Mini - Commercial Temperature Single 10/100 Ethernet Transceiver
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83848M Datasheet(HTML) 35 Page - National Semiconductor (TI)

Back Button DP83848M Datasheet HTML 31Page - National Semiconductor (TI) DP83848M Datasheet HTML 32Page - National Semiconductor (TI) DP83848M Datasheet HTML 33Page - National Semiconductor (TI) DP83848M Datasheet HTML 34Page - National Semiconductor (TI) DP83848M Datasheet HTML 35Page - National Semiconductor (TI) DP83848M Datasheet HTML 36Page - National Semiconductor (TI) DP83848M Datasheet HTML 37Page - National Semiconductor (TI) DP83848M Datasheet HTML 38Page - National Semiconductor (TI) DP83848M Datasheet HTML 39Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 80 page
background image
35
www.national.com
5.4 Power Feedback Circuit
To ensure correct operation for the DP83848M, parallel
caps with values of 10
µF (Tantalum) and 0.1 µF should
be placed close to pin 19 (PFBOUT) of the device.
Pin 16 (PFBIN1) and pin 30 (PFBIN2) must be connected
to pin 19 (PFBOUT), each pin requires a small capacitor
(0.1
µF). See Figure 13 below for proper connections.
5.5 Power Down
The device can be put in a Power Down mode by setting
bit 11 (Power Down) in the Basic Mode Control Register,
BMCR (0x00h).
5.6 Energy Detect Mode
When Energy Detect is enabled and there is no activity on
the cable, the DP83848M will remain in a low power mode
while monitoring the transmission line. Activity on the line
will cause the DP83848M to go through a normal power
up sequence. Regardless of cable activity, the DP83848M
will occasionally wake up the transmitter to put ED pulses
on the line, but will otherwise draw as little power as possi-
ble. Energy detect functionality is controlled via register
Energy Detect Control (EDCR), address 0x1Dh.
6.0 Reset Operation
The DP83848M includes an internal power-on reset
(POR) function and does not need to be explicitly reset for
normal operation after power up. If required during normal
operation, the device can be reset by a hardware or soft-
ware reset.
6.1 Hardware Reset
A hardware reset is accomplished by applying a low pulse
(TTL level), with a duration of at least 1
µs, to the
RESET_N. This will reset the device such that all registers
will be reinitialized to default values and the hardware
configuration values will be re-latched into the device
(similar to the power-up/reset operation).
6.2 Software Reset
A software reset is accomplished by setting the reset bit
(bit 15) of the Basic Mode Control Register (BMCR). The
period from the point in time when the reset bit is set to the
point in time when software reset has concluded is
approximately 1
µs.
The software reset will reset the device such that all regis-
ters will be reset to default values and the hardware con-
figuration values will be maintained. Software driver code
must wait 3
µs following a software reset before allowing
further serial MII operations with the DP83848M.
0.1
µF
10
µF
Pin 19 (PFBOUT)
0.1
µF
0.1
µF
Pin 16 (PFBIN1)
Pin 30 (PFBIN2)
+
-
Figure 13. Power Feeback Connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com