| Electronic Components Datasheet Search |
|
SC620EVB Datasheet(PDF) 15 Page - Semtech Corporation |
|
|
|||||||||||||||||||||||||||||
SC620EVB Datasheet(HTML) 15 Page - Semtech Corporation |
|
15 / 18 page ![]() SC620 15 Using the I2C Serial Port The I2C General Specification The SC620 is a read-write slave-mode I2C device and com- plies with the Philips I2C standard Version 2.1 dated January, 2000. The SC620 has eight user-accessible inter- nal 8-bit registers. While there is no auto increment/decre- ment capability in the SC620 I2C logic, a tight software loop can be designed to randomly access the next register independent of which register you begin accessing. The start and stop commands frame the data-packet and the repeat start condition is allowed if necessary. SC620 Limitations to the I2C Specifications Seven bit addressing is used and ten bit addressing is not allowed. Any general call address will be ignored by the SC620. The SC620 is not CBUS compatible. The SC620 can operate in standard mode (100kbit/s) or fast mode (400kbit/s). Supported Formats: Direct Format — Write The simplest format for an I2C write is Direct Format. After the start condition [S], the slave address is sent, followed by an eighth bit indicating a write. The SC620 I2C then acknowledges that it is being addressed, and the master responds with an 8 bit data byte consisting of the register address. The slave acknowledges and the master sends the appropriate 8 bit data byte. Once again the slave acknowledges and the master terminates the transfer with the stop condition [P]. Combined Format — Read After the start condition [S], the slave address is sent, fol- lowed by an eighth bit indicating a write. The SC620 I2C then acknowledges that it is being addressed, and the master responds with an 8 bit data byte consisting of the register address. The slave acknowledges and the master sends the repeated start condition [Sr]. Once again, the slave address is sent, followed by an eighth bit indicating a read. The slave responds with an acknowledge and the previously addressed 8 bit data byte; the master then sends a non-acknowledge (NACK). Finally, the master terminates the transfer with the stop condition [P]. Stop Separated Reads Stop separated reads can also be used. This format allows a master to set up the register address pointer for a read and return to that slave at a later time to read the data. In this format the slave address followed by a write command are sent after a start [S] condition. The SC620 then acknowl- edges it is being addressed, and the master responds with the 8-bit register address. The master sends a stop or restart condition and may then address another slave. After per- forming other tasks, the master can send a start or restart condition to the device with a read command. The SC620 acknowledges this request and returns the data from the register location that had previously been set up. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |