Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC632 Datasheet(PDF) 10 Page - Semtech Corporation

Part # SC632
Description  Fixed 5.0V Output Charge Pump Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC632 Datasheet(HTML) 10 Page - Semtech Corporation

Back Button SC632 Datasheet HTML 6Page - Semtech Corporation SC632 Datasheet HTML 7Page - Semtech Corporation SC632 Datasheet HTML 8Page - Semtech Corporation SC632 Datasheet HTML 9Page - Semtech Corporation SC632 Datasheet HTML 10Page - Semtech Corporation SC632 Datasheet HTML 11Page - Semtech Corporation SC632 Datasheet HTML 12Page - Semtech Corporation SC632 Datasheet HTML 13Page - Semtech Corporation SC632 Datasheet HTML 14Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
SC632
10
General Description
The SC632 is a 5.0V output charge pump regulator
designed to support up to 400mA (T
A
≤ 55°C, 3.3V ≤ V
IN
≤
5.5V) and 275mA (T
A
≤ 85°C, 3.15V ≤ V
IN
≤ 5.5V) of continu-
ous current for powering 5.0V devices in portable
handheld equipment including Compact Flash and CF+
products.
The SC632 has three operating modes — 1x, 1.5x, and 2x.
The 1x mode is a linear series regulation mode with a low
open-loop output resistance of only 250m
Ω. The 1x mode
functions as a low-noise series linear regulator. The 1.5x
and 2x modes are a low noise, constant frequency, con-
stant duty cycle switch mode, using two bucket capacitors.
One bucket supports the full output current while the
other bucket charges from the input. The two buckets
exchange roles in the next phase, supplying continuous
output current in both phases and reducing the need for
a large output decoupling capacitor. The constant fre-
quency, constant duty cycle operation also produces
predictable constant frequency harmonics.
Mode Transition Hysteresis
Hysteresis is provided to prevent chatter between charge
pump modes for input steps of up to 120mV. Decouple
the input to prevent steps greater than 120mV, for
optimum transient performance, when the input voltage
reaches the mode transition thresholds.
Thermal Resistance
The SC632 package is thermally efficient when the circuit
board layout connects the thermal pad through multiple
vias to the ground plane. The thermal resistance rating is
dependent upon the connection between the thermal
pad and the ground plane. A layout that is done correctly
should keep the junction temperature below the over-
temperature limit while operating the SC632 within the
specified electrical conditions. A poor layout may allow
the junction temperature to reach the over temperature
limit, so it is important to maintain adequate ground plane
around the device to maximize heat transfer to the PCB.
Temperature Derating
The V
IN
supply range and ambient temperature range of
the application should be compared with the following
derating curve to determine the maximum safe continu-
ous load current. The DC operating points beneath each
curve are in the safe operating temperature range of the
MLP package.
150
200
250
300
350
400
450
35
45
55
65
75
85
95
105
Ambient Temp (°C)
Derating for VIN < 4.2V
Derating for VIN < 5.5V
Maximum Continuous Output
Protection Circuitry
The SC632 also provides protection circuitry that pre-
vents the device from operating in an unspecified state.
These functions include:
Over-Current Protection (OCP)
Short-Circuit Current Protection (SCCP)
Over-Temperature Protection (OTP)
Over-Current Protection
Over-current protection is provided to limit the output
current. When V
OUT
is greater than 2V, OCP limits the
output to 1A typical. The threshold at 2V allows the
device to recover from excessive voltage droop during an
over current.
•
•
•
Applications Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com