Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VNH100N04 Datasheet(PDF) 3 Page - STMicroelectronics

Part # VNH100N04
Description  ”OMNIFET”: FULLY AUTOPROTECTED POWER MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNH100N04 Datasheet(HTML) 3 Page - STMicroelectronics

  VNH100N04 Datasheet HTML 1Page - STMicroelectronics VNH100N04 Datasheet HTML 2Page - STMicroelectronics VNH100N04 Datasheet HTML 3Page - STMicroelectronics VNH100N04 Datasheet HTML 4Page - STMicroelectronics VNH100N04 Datasheet HTML 5Page - STMicroelectronics VNH100N04 Datasheet HTML 6Page - STMicroelectronics VNH100N04 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
ELECTRICAL CHARACTERISTICS (continued)
SWITCHING
Symbol
Parameter
Test Condi tions
Mi n.
Typ.
Max.
Unit
td(on)
tr
td(off)
tf
Turn-on Delay Time
Rise Time
Turn-off Delay Time
Fall Time
VDD =15 V
Id =30 A
Vgen =10 V
Rgen =10
Ω
(see figure 3)
100
400
900
400
TBD
TBD
TBD
TBD
ns
ns
ns
ns
td(on)
tr
td(off)
tf
Turn-on Delay Time
Rise Time
Turn-off Delay Time
Fall Time
VDD =15 V
Id =30 A
Vgen =10 V
Rgen =10
Ω
Tj =125
oC
(see figure 3)
TBD
TBD
TBD
TBD
ns
ns
ns
ns
td(on)
tr
td(off)
tf
Turn-on Delay Time
Rise Time
Turn-off Delay Time
Fall Time
VDD =15 V
Id =30 A
Vgen =10 V
Rgen =1000
Ω
(see figure 3)
TBD
TBD
TBD
TBD
µs
µs
µs
µs
(di/dt) on
Turn-on Current Slope
VDD =15 V
ID =30 A
Vin =10 V
TBD
A/
µs
Qg
Total Gate Charge
VDD =12 V
ID =30 A
Vin =10 V
TBD
nC
SOURCE DRAIN DIODE
Symbol
Parameter
Test Condi tions
Mi n.
Typ.
Max.
Unit
VSD (
∗)
Forward On Volt age
ISD =30 A
Vin =0
TBD
V
trr
Qrr
IRRM
Reverse Recovery
Time
Reverse Recovery
Charge
Reverse Recovery
Current
ISD = 30 A
di/dt = 100 A/
µs
VDD =V
Tj = 150
oC
(see test circuit, figure 5)
TBD
TBD
TBD
ns
µC
A
PROTECTION
Symbol
Parameter
Test Condi tions
Mi n.
Typ.
Max.
Unit
Ilim
Drain Current Limit
Vin =10 V
VDS = 13 V
70
100
140
A
tdlim
St ep Response
Current Limit
Vin =10 V
VDS =13V
TBD
µs
Tjsh
Overtemperature
Shutdown
150
170
190
oC
Tjrs
Overtemperature Reset
135
oC
Igf
Fault Sink Current
Vin =10 V
VDS =13 V
50
mA
Eas
Single Pulse
Avalanche Energy
st arting Tj =25
oCV
DD =20 V
Vin =10 V Rgen =1 K
Ω L= mH
TBD
J
(
∗) Pulsed: Pulse duration = 300 µs, duty cycle 1.5 %
VNH100N04
3/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com