Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC801IMLTR Datasheet(PDF) 16 Page - Semtech Corporation

Part # SC801IMLTR
Description  Fully Integrated High Current Lithium-Ion Battery Charger System
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC801IMLTR Datasheet(HTML) 16 Page - Semtech Corporation

Back Button SC801IMLTR Datasheet HTML 9Page - Semtech Corporation SC801IMLTR Datasheet HTML 10Page - Semtech Corporation SC801IMLTR Datasheet HTML 11Page - Semtech Corporation SC801IMLTR Datasheet HTML 12Page - Semtech Corporation SC801IMLTR Datasheet HTML 13Page - Semtech Corporation SC801IMLTR Datasheet HTML 14Page - Semtech Corporation SC801IMLTR Datasheet HTML 15Page - Semtech Corporation SC801IMLTR Datasheet HTML 16Page - Semtech Corporation SC801IMLTR Datasheet HTML 17Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
16
 2004 Semtech Corp.
www.semtech.com
SC801
POWER MANAGEMENT
Outline Drawing - MLP (16 pin)
Marking Information
yy = two-digit year of manufacture
ww = two-digit week of manufacture
Top Mark
.003
.010
.074
16
.012
.085
-
.000
.031
(.008)
0.08
0.30
16
.014
.089
0.25
1.90
.040
-
.002
-
0.00
0.80
2.25
0.35
2.15
-
0.05
1.00
(0.20)
.004
0.10
1.90
2.15
2.25
0.65 BSC
.026 BSC
0.45
.018
.026
.022
0.55
0.65
.089
.085
.074
D/2
2
A
A1
1
LxN
bbb
C A B
A2
bxN
e
SEATING
PLANE
C
E/2
D1
N
e/2
aaa C
CONTROLLING DIMENSIONS ARE IN MILLIMETERS (ANGLES IN DEGREES).
COPLANARITY APPLIES TO THE EXPOSED PAD AS WELL AS THE TERMINALS.
1.
2.
NOTES:
A
D
E
B
-
-
-
-
INDICATOR
(LASER MARK)
PIN 1
DIMENSIONS
NOM
INCHES
N
bbb
aaa
A2
A1
E1
D1
DIM
L
e
E
D
A
b
MIN
MAX
MILLIMETERS
MIN
MAX
NOM
.153
.157
.161
3.90
4.00
4.10
.153
.157
.161
3.90
4.00
4.10
E1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com