Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC1189 Datasheet(PDF) 5 Page - Semtech Corporation

Part # SC1189
Description  Programmable Synchronous DC/DC Converter, Dual LDO Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1189 Datasheet(HTML) 5 Page - Semtech Corporation

  SC1189_07 Datasheet HTML 1Page - Semtech Corporation SC1189_07 Datasheet HTML 2Page - Semtech Corporation SC1189_07 Datasheet HTML 3Page - Semtech Corporation SC1189_07 Datasheet HTML 4Page - Semtech Corporation SC1189_07 Datasheet HTML 5Page - Semtech Corporation SC1189_07 Datasheet HTML 6Page - Semtech Corporation SC1189_07 Datasheet HTML 7Page - Semtech Corporation SC1189_07 Datasheet HTML 8Page - Semtech Corporation SC1189_07 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
 2007 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC1189
Block Diagram
ERROR
AMP
1.25V FET
CONTROLLER
+
-
CURRENT
LIMIT
OSCILLATOR
70mV
REF
GATE1
VOSENSE
VID2
REF
LDOEN
PWRGD
VID3
VID1
LEVEL SHIFT AND
HIGH SIDE DRIVE
OPEN
COLLECTORS
VID25MV
R
S
Q
+
-
VID0
+
-
+
-
SHOOT-THRU
CONTROL
AGND
2.5V FET
CONTROLLER
D/A
SYNCHRONOUS
MOSFET DRIVE
+
-
LDOS1
CS+
EN
CS-
VCC
LDOS2
GATE2
LDOV
AGND
PGNDH
BSTH
DL
PGNDL
BSTL
DH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com