Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC1211 Datasheet(PDF) 4 Page - Semtech Corporation

Part # SC1211
Description  High Speed, Combi-SenseTM Synchronous MOSFET Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1211 Datasheet(HTML) 4 Page - Semtech Corporation

  SC1211 Datasheet HTML 1Page - Semtech Corporation SC1211 Datasheet HTML 2Page - Semtech Corporation SC1211 Datasheet HTML 3Page - Semtech Corporation SC1211 Datasheet HTML 4Page - Semtech Corporation SC1211 Datasheet HTML 5Page - Semtech Corporation SC1211 Datasheet HTML 6Page - Semtech Corporation SC1211 Datasheet HTML 7Page - Semtech Corporation SC1211 Datasheet HTML 8Page - Semtech Corporation SC1211 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
 2003 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC1211
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
Cn
i
Mp
y
Tx
a
Ms
t
i
n
U
O
C
e
g
a
tl
o
V
t
u
p
n
I
h
g
i
H
c
i
g
o
LV
H
_
O
C
0
.
2V
e
g
a
tl
o
V
t
u
p
n
I
w
o
L
c
i
g
o
LV
L
_
O
C
8
.
0V
n
w
o
d
t
u
h
S
l
a
m
r
e
h
T
t
n
i
o
P
p
i
r
T
e
r
u
t
a
r
e
p
m
e
T
r
e
v
OT
P
T
O
5
5
1C
°
s
i
s
e
r
e
t
s
y
HT
T
S
Y
H
0
1C
°
)
G
T
(
r
e
v
i
r
D
e
d
i
S
h
g
i
H
e
c
n
a
d
e
p
m
I
t
u
p
t
u
O
R
G
T
_
C
R
S
V
T
S
B
V
-
N
R
D
V
5
.
8
=
5
.
10
.
3
Ω
R
G
T
_
K
N
I
S
0
.
10
.
2
e
m
i
T
e
s
i
Rt
G
T
_
R
V
,
F
n
3
.
3
=
L
C
T
S
B
V
-
N
R
D
V
5
.
8
=5
1s
n
e
m
i
T
ll
a
Ft
G
T
_
F
V
,
F
n
3
.
3
=
L
C
T
S
B
V
-
N
R
D
V
5
.
8
=0
1s
n
h
g
i
H
g
n
i
o
G
G
T
,
y
a
l
e
D
n
o
it
a
g
a
p
o
r
Pt
G
T
_
H
D
P
V
T
S
B
V
-
N
R
D
V
5
.
8
=7
3s
n
w
o
L
g
n
i
o
G
G
T
,
y
a
l
e
D
n
o
it
a
g
a
p
o
r
Pt
G
T
_
L
D
P
V
T
S
B
V
-
N
R
D
V
5
.
8
=0
3s
n
)
G
B
(
r
e
v
i
r
D
e
d
i
S
-
w
o
L
e
c
n
a
d
e
p
m
I
t
u
p
t
u
O
R
G
B
_
C
R
S
V
G
E
R
V
5
.
8
=
5
.
10
.
3
Ω
R
G
B
_
K
N
I
S
5
.
10
.
3
e
m
i
T
e
s
i
Rt
G
B
_
R
V
,
F
n
3
.
3
=
L
C
G
E
R
V
5
.
8
=0
1s
n
e
m
i
T
ll
a
Ft
G
B
_
F
V
,
F
n
3
.
3
=
L
C
G
E
R
V
5
.
8
=0
1s
n
h
g
i
H
g
n
i
o
G
G
B
,
y
a
l
e
D
n
o
it
a
g
a
p
o
r
Pt
G
B
_
H
D
P
V
G
E
R
V
5
.
8
=0
2s
n
w
o
L
g
n
i
o
G
G
B
,
y
a
l
e
D
n
o
it
a
g
a
p
o
r
Pt
G
B
_
L
D
P
V
G
E
R
V
5
.
8
=7
2s
n
e
m
it
-
f
f
O
m
u
m
i
n
i
M
G
B
)
1
(
t
G
B
_
F
F
O
5
7s
n
y
a
l
e
D
e
m
i
T
t
u
o
k
c
o
L
-
e
g
a
t
l
o
V
-
r
e
d
n
U
V
G
E
R
p
u
g
n
i
p
m
a
rt
O
L
V
U
_
H
D
P
2s
µ
V
G
E
R
n
w
o
d
g
n
i
p
m
a
rt
O
L
V
U
_
L
D
P
2s
µ
Electrical Characteristics (Cont.)
Unless specified: T
A = 25°C; VIN = 12V; VREG = 8.5V
NOTE:
(1) Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com