Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC7311 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # DAC7311
Description  1.8V to 5.5V, 80mA, 8-, 10-, and 12-Bit, Low-Power, Single-Channel, DIGITAL-TO-ANALOG CONVERTERS in SC70 Package
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC7311 Datasheet(HTML) 2 Page - Texas Instruments

  DAC7311 Datasheet HTML 1Page - Texas Instruments DAC7311 Datasheet HTML 2Page - Texas Instruments DAC7311 Datasheet HTML 3Page - Texas Instruments DAC7311 Datasheet HTML 4Page - Texas Instruments DAC7311 Datasheet HTML 5Page - Texas Instruments DAC7311 Datasheet HTML 6Page - Texas Instruments DAC7311 Datasheet HTML 7Page - Texas Instruments DAC7311 Datasheet HTML 8Page - Texas Instruments DAC7311 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 41 page
background image
ABSOLUTE MAXIMUM RATINGS
(1)
DAC5311
DAC6311
DAC7311
SBAS442 – AUGUST 2008 ................................................................................................................................................................................................ www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
PACKAGE/ORDERING INFORMATION(1)
MAXIMUM
MAXIMUM
RELATIVE
DIFFERENTIAL
SPECIFIED
ACCURACY
NONLINEARITY
PACKAGE-
PACKAGE
TEMPERATURE
PACKAGE
PRODUCT
(LSB)
(LSB)
LEAD
DESIGNATOR
RANGE
MARKING
DAC5311
±0.25
±0.25
SC70-6
DCK
–40°C to 125°C
D53
DAC6311
±0.5
±0.5
SC70-6
DCK
–40°C to 125°C
D63
DAC7311
±1
±1
SC70-6
DCK
–40°C to 125°C
D73
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
PARAMETER
VALUE
UNIT
AVDD to GND
–0.3 to +6
V
Digital input voltage to GND
–0.3 to +AVDD +0.3
V
AVOUT to GND
–0.3 to +AVDD +0.3
V
Operating temperature range
–40 to +125
°C
Storage temperature range
–65 to +150
°C
Junction temperature (TJ max)
+150
°C
Power dissipation
(TJ max – TA)/θJA
W
θ
JA thermal impedance
250
°C/W
(1)
Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. Exposure to absolute
maximum conditions for extended periods may affect device reliability.
2
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): DAC5311 DAC6311 DAC7311



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com