Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATR0635 Datasheet(PDF) 21 Page - ATMEL Corporation

Part # ATR0635
Description  ANTARIS4 Single-chip GPS Receiver SuperSense
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATR0635 Datasheet(HTML) 21 Page - ATMEL Corporation

Back Button ATR0635 Datasheet HTML 17Page - ATMEL Corporation ATR0635 Datasheet HTML 18Page - ATMEL Corporation ATR0635 Datasheet HTML 19Page - ATMEL Corporation ATR0635 Datasheet HTML 20Page - ATMEL Corporation ATR0635 Datasheet HTML 21Page - ATMEL Corporation ATR0635 Datasheet HTML 22Page - ATMEL Corporation ATR0635 Datasheet HTML 23Page - ATMEL Corporation ATR0635 Datasheet HTML 24Page - ATMEL Corporation ATR0635 Datasheet HTML 25Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
21
4928H–GPS–06/08
ATR0635
Figure 4-1.
Connecting Example: Separate Power Supplies for RF and Digital Part Using the Internal LDOs
The ATR0635 contains a built in low dropout voltage regulator LDO18. This regulator can be
used if the host system does not provide the core voltage VDD18 of 1.8V nominal. In such case,
LDO18 will provide a 1.8V supply voltage from any input voltage VDD between 2.3V and 3.6V.
The LDO_EN input can be used to shut down VDD18 if the system is in standby mode.
If the host system does supply a 1.8V core voltage directly, this voltage has to be connected to
the VDD18 supply pins of the Core. LDO_EN must be connected to GND. LDO_IN can be con-
nected to GND. LDO_OUT must not be connected.
A second built in low dropout voltage regulator LDOBAT provides the supply voltage for the RTC
and backup SRAM from any input voltage VBAT between 1.5V and 3.6V. The backup battery
delivers the supply current if LDOBAT_IN is not powered.
ATR0635 internal
VDDUSB
0V or 3V to 3.6V
1.5V to 3.6V
1 µF
(X7R)
ldoout
ldoen
ldoin
LDO18
LDO_IN
1 µF
(X7R)
VDDIO
2.3V to 3.6V
LDO_EN
NSHDN
VDD18
LDO_OUT
USB SM and
transceiver
1.8V to 3.3V
variable I/O domain
RTC
backup memory
Core
vbat18
vbat
VDD
ldobat_in
LDOBAT
LDOBAT_IN
VBAT
VBAT18
RF
VCC1
VCC2
VBP
VDIG
2.7V to 3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com