Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC802 Datasheet(PDF) 5 Page - Semtech Corporation

Part # SC802
Description  Fully Integrated Lithium-Ion Battery Charger System with Timer
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC802 Datasheet(HTML) 5 Page - Semtech Corporation

  SC802_08 Datasheet HTML 1Page - Semtech Corporation SC802_08 Datasheet HTML 2Page - Semtech Corporation SC802_08 Datasheet HTML 3Page - Semtech Corporation SC802_08 Datasheet HTML 4Page - Semtech Corporation SC802_08 Datasheet HTML 5Page - Semtech Corporation SC802_08 Datasheet HTML 6Page - Semtech Corporation SC802_08 Datasheet HTML 7Page - Semtech Corporation SC802_08 Datasheet HTML 8Page - Semtech Corporation SC802_08 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
© 2008 Semtech Corporation
SC802/SC802A
5
Parameter
Symbol
Conditions
Min
Typ
Max
Units
CHRGB Charge LED On
V
CHRGB
Load = 5mA
0.5
1
V
CHRGB Charge LED OFF
I
CHRGB
Leakage Current, V = 5V
1
μA
CPB LED On
V
CPB
Load = 5mA
0.5
1
V
CPB LED Off
I
CPB
Leakage Current, V = 5V
1
μA
BIPB, VPRGM Inputs
V
IH
1.8
V
V
IL
0.4
Electrical Characteristics (continued)
Notes:
(1) Electrical Characteristics apply for V
VIN
= 4.75V to 5.25V, but are tested only at V
VIN
= 5.00V, unless noted.
(2) Pre-charge threshold is applied directly at VOUT for any setting of V
CV
, whether 4.1V or 4.2V fixed, or Adjust Mode.
(3) Re-charge threshold is relative to V
CV
as measured at BSEN. For either of the fixed output voltage settings, V
BSEN
is compared directly to
the programmed CV regulation voltage. In Adjust Mode, V
BSEN
is compared to the Adjust Mode feedback voltage, V
ADJMF
. So the re-charge
threshold at the battery is VT
ReQ
× V
CV
/ V
BSEN-FDBK
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com