Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC810 Datasheet(PDF) 17 Page - Semtech Corporation

Part # SC810
Description  Single Input/Single Mode Single-cell Li-ion Charger
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC810 Datasheet(HTML) 17 Page - Semtech Corporation

Back Button SC810 Datasheet HTML 11Page - Semtech Corporation SC810 Datasheet HTML 12Page - Semtech Corporation SC810 Datasheet HTML 13Page - Semtech Corporation SC810 Datasheet HTML 14Page - Semtech Corporation SC810 Datasheet HTML 15Page - Semtech Corporation SC810 Datasheet HTML 16Page - Semtech Corporation SC810 Datasheet HTML 17Page - Semtech Corporation SC810 Datasheet HTML 18Page - Semtech Corporation SC810 Datasheet HTML 19Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
© 2008 Semtech Corporation
SC810
17
footprint will enable better heat transfer
from the device, especially on PCBs with
internal ground and power planes.
Dynamically Selectable Charge Current
The IPRGM resistance can be altered dynamically under
processor control by switching a second IPRGM pin resis-
tor. When the higher current is required, the switch is
turned on, making the effective programming resistance
equal to the parallel combination of the two resistors. The
external circuit is illustrated in Figure 5.
IPRGM
4
RIPRGM
RIPRGM_HI
Hi/Lo
Current Select
Figure 5. Dynamic selection of low and high charge
currents.
Note that the IPRGM pin resistor programs the fast-charge,
pre-charge, and termination currents, so all will be modi-
fied by a change in the IPRGM pin resistor.
An open-drain GPIO can be used directly to engage the
parallel resistor R
IPRGM_HI
. Care must be taken to ensure that
the R
DS-ON
of the GPIO is considered in the selection of
R
IPRGM_HI
. Also important is the part-to-part and tempera-
ture variation of the GPIO R
DS-ON
, and their contribution to
the High Current charge current tolerance. Note also that
IPRGM will be pulled up briefly to as high as 3V during
startup to check for an IPRGM static pinshort to ground. A
small amount of current could, potentially, flow from
IPRGM into the GPIO ESD structure through R
IPRGM_HI
during
this event. While unlikely to do any harm, this effect must
also be considered.
Applications Information (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com