Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC813 Datasheet(PDF) 8 Page - Semtech Corporation

Part # SC813
Description  Adapter/USB Tri-Mode Single-cell Li-ion Charger
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC813 Datasheet(HTML) 8 Page - Semtech Corporation

Back Button SC813 Datasheet HTML 4Page - Semtech Corporation SC813 Datasheet HTML 5Page - Semtech Corporation SC813 Datasheet HTML 6Page - Semtech Corporation SC813 Datasheet HTML 7Page - Semtech Corporation SC813 Datasheet HTML 8Page - Semtech Corporation SC813 Datasheet HTML 9Page - Semtech Corporation SC813 Datasheet HTML 10Page - Semtech Corporation SC813 Datasheet HTML 11Page - Semtech Corporation SC813 Datasheet HTML 12Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
© 2008 Semtech Corporation
SC811 / SC813
8
Typical Characteristics
I
FQ_AD vs. RIPRGM , or IFQ_USB High Power vs. RIPUSB
I
PQ_AD or IPQ_USB vs. RIPRGM, or IFQ_USB Low Power vs. RIPUSB
Charging Cycle Battery Voltage and Current
Pre-Charging Battery Voltage and Current
CC-to-CV Battery Voltage and Current
Re-Charge Cycle Battery Voltage and Current
610
630
650
670
690
710
44
44.5
45
45.5
46
46.5
47
47.5
48
4.16
4.17
4.18
4.19
4.2
4.21
Time (min)
850mAhr battery, R
IPRGM
= 2.94kΩ, V
VIN
= 5.0V, T
A
= 25
ο
C
V
BAT
I
BAT
0
50
100
150
200
250
300
350
400
450
0.0
0.5
1.0
1.5
2/6
6.5
7.0
7.5
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
Time (hrs)
850mAhr battery, R
IPRGM
= 2.94kΩ, V
VIN
= 5.0V, Load = 10mA
V
BAT
I
BAT
Discharge hours 2 - 6 omitted.
0
100
200
300
400
500
600
700
0
0.25
0.5
0.75
1
1.25
1.5
1.75
2
2.25
0
1
2
3
4
5
6
7
Time (hrs)
850mAhr battery, R
IPRGM
= 2.94kΩ, V
VIN
= 5.0V, T
A
= 25
ο
C
V
BAT
I
BAT
0
100
200
300
400
500
600
700
800
0
2
4
6
8
10
1214161820
2
2.25
2.5
2.75
3
3.25
3.5
3.75
4
Time (s)
850mAhr battery, R
IPRGM
= 2.94kΩ, V
VIN
= 5.0V, T
A
= 25
ο
C
V
BAT
I
BAT
2
6
10
14
18
22
26
30
0
200
400
600
800
1000
R
IPRGM
or R
IPUSB
(kΩ)
V
VIN
= 5V, V
BAT
= 3.7V, T
A
= 25
ο
C
2
6
10
14
18
22
26
30
0
40
80
120
160
200
R
IPRGM
or R
IPUSB
(kΩ)
V
VIN
= 5V, V
BAT
= 2.6V, T
A
= 25
ο
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com