Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC4505 Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC4505
Description  High Efficiency Boost Converter for Backlight/Flash LED Driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4505 Datasheet(HTML) 1 Page - Semtech Corporation

  SC4505 Datasheet HTML 1Page - Semtech Corporation SC4505 Datasheet HTML 2Page - Semtech Corporation SC4505 Datasheet HTML 3Page - Semtech Corporation SC4505 Datasheet HTML 4Page - Semtech Corporation SC4505 Datasheet HTML 5Page - Semtech Corporation SC4505 Datasheet HTML 6Page - Semtech Corporation SC4505 Datasheet HTML 7Page - Semtech Corporation SC4505 Datasheet HTML 8Page - Semtech Corporation SC4505 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1
www.semtech.com
SC4505
High Efficiency Boost Converter
for Backlight/Flash LED Driver
POWER MANAGEMENT
Description
Features
Applications
White LED power supplies
Flat screen LCD bias supplies
TFT bias supplies
Dual panel Handset/Liquid Crystal Display Monitor
Portable media players
Digital video cameras
Digital still cameras
The SC4505 is a high-frequency PWM current-mode step-
up switching regulator with an integrated 2A power tran-
sistor. Its high switching frequency (1MHz) allows the use
of tiny surface-mount external passive components. The
internal switch is rated at 36V which makes the con-
verter ideal for multiple LED series operation with opti-
mal current matching. Two programmable independent
current source structure allows dual panel LED backlight
and flash operation.
The operating frequency of the SC4505 is set at 1MHz.
The selected operating frequency gives the SC4505 de-
sign flexibility for size, cost and efficiency optimization.
The SC4505 is available in thermally enhanced 16-pin
MLPQ package (3x3x0.9mm) with embedded over tem-
perature protection.
Typical Application Circuit
Two independent current sources for dual LED strands
with optimal current/light matching. Backlight up to
75mA, Flash up to 125mA
Wide input range from 2.6V to 12V
Adaptive output voltage up to 28V with OVP protec-
tion against open circuit conditions
Low shutdown current (<1
µA )
Internal Flash/Torch mode with flash timeout to pro-
tect LEDs
1MHz Fixed Frequency Current-Mode Control
Internal 2A current limit for driving large numbers of
LEDs
Supports PWM Dimming from 50Hz to 50kHz
Internal undervoltage lockout
Small, low profile, thermally enhanced 16-MLPQ pack-
age is fully WEEE and RoHS compliant
Revision: December 12, 2007
Figure 1. SC4505 Application Circuit for Backlight and Flashlight LED Driver
All Capacitors are Ceramic.
Boost Converter Efficiency vs Input Voltage
(2 String of 3 LEDs @30mA)
77
79
81
83
85
87
2.5
3
3.5
4
4.5
5
Input Voltage (V)
0
L1
IHLP-2525CZ-01-1R5-M-01
Analog
Ground
EN_BL
C4
12n
FL_TRB
EN_FL
D4
LED
SC4505
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
PGND
PGND
SW
SW
VO
IO2
IO1
COMP
AGND
IO2SET
IO1SET
EN_BL
EN_FL
FL_TRB
FTO
VIN
Power
Ground
D5
LED
D7
LED
(Optional)
0
AGND
(Optional)
C6
12n
0
C2
2.2u
D2
LED
PGND
R1
3.01k
RO2SET
1.54k
D6
LED
0
D1
10BQ015
2
1
RO1SET
6.98k
C3
0.33uF
0
C1
2.2uF
LED: SML-LX0603UWD
VIN: 2.6V ~ 6.0V
D3
LED
0
C5
12n


Similar Part No. - SC4505

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC4505 SEMTECH-SC4505 Datasheet
368Kb / 15P
High Efficiency Boost Converter for Backlight/Flash LED Driver
SC4505EVB SEMTECH-SC4505EVB Datasheet
368Kb / 15P
High Efficiency Boost Converter for Backlight/Flash LED Driver
SC4505MLTRT SEMTECH-SC4505MLTRT Datasheet
368Kb / 15P
High Efficiency Boost Converter for Backlight/Flash LED Driver
More results

Similar Description - SC4505

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC4505 SEMTECH-SC4505 Datasheet
368Kb / 15P
High Efficiency Boost Converter for Backlight/Flash LED Driver
logo
Texas Instruments
LP8545 TI1-LP8545 Datasheet
623Kb / 40P
High-Efficiency LED Backlight Driver for Notebooks
LP8550 TI1-LP8550 Datasheet
188Kb / 6P
High-Efficiency LED Backlight Driver for Notebooks
LP8551 TI1-LP8551 Datasheet
186Kb / 6P
High-Efficiency LED Backlight Driver for Notebooks
LP8552 TI1-LP8552 Datasheet
571Kb / 39P
High-Efficiency LED Backlight Driver for Notebooks
LP8553 TI1-LP8553 Datasheet
614Kb / 40P
High-Efficiency LED Backlight Driver for Notebooks
LP8556 TI-LP8556 Datasheet
1Mb / 52P
High-Efficiency LED Backlight Driver for Tablets
LP8556 TI1-LP8556_16 Datasheet
1Mb / 63P
High-Efficiency LED Backlight Driver for Tablets
LP8557 TI1-LP8557 Datasheet
1Mb / 49P
High-Efficiency LED Backlight Driver For Tablets
LP8545 TI1-LP8545_14 Datasheet
1Mb / 44P
High-Efficiency LED Backlight Driver for Notebooks
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com