Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC4250 Datasheet(PDF) 3 Page - Semtech Corporation

Part # SC4250
Description  Negative Voltage Hot Swap Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4250 Datasheet(HTML) 3 Page - Semtech Corporation

  SC4250 Datasheet HTML 1Page - Semtech Corporation SC4250 Datasheet HTML 2Page - Semtech Corporation SC4250 Datasheet HTML 3Page - Semtech Corporation SC4250 Datasheet HTML 4Page - Semtech Corporation SC4250 Datasheet HTML 5Page - Semtech Corporation SC4250 Datasheet HTML 6Page - Semtech Corporation SC4250 Datasheet HTML 7Page - Semtech Corporation SC4250 Datasheet HTML 8Page - Semtech Corporation SC4250 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
 2005 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC4250
Electrical Characteristics (Cont.)
Unless specified: T
A = 25°C, VCC = 48V, VEE = 0V.
Values in bold apply over full operating temperature range.
Note:
(1) This device is ESD sensitive. Use of standard ESD handling precaution is required.
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
C
t
s
e
Tn
i
Mp
y
Tx
a
Ms
t
i
n
U
d
l
o
h
s
e
r
h
T
d
o
o
G
r
e
w
o
PV
G
P
V
N
I
A
R
D
V
-
E
E
n
o
it
i
s
n
a
r
t
w
o
L
o
t
h
g
i
H
,5
.
15
7
.
10
.
2V
s
i
s
e
r
e
t
s
y
H
d
l
o
h
s
e
r
h
T
d
o
o
G
r
e
w
o
PV
Y
H
G
P
4
.
0V
t
n
e
r
r
u
C
s
a
i
B
t
u
p
n
I
n
i
a
r
DI
N
I
A
R
D
V
N
I
A
R
D
V
8
4
=
5
10
5
A
µ
e
g
a
tl
o
V
w
o
L
t
u
p
t
u
OV
L
O
V
,
H
0
5
2
4
C
S
L
O
V
-
D
G
R
W
P
=
N
I
A
R
D
V
@
N
I
A
R
D
I
,
V
5
=
O
A
m
1
=
1V
V
,
L
0
5
2
4
C
S
L
O
V
-
D
G
R
W
P
=
E
E
V
@
N
I
A
R
D
I
,
V
1
=
O
A
m
1
=
1V
e
g
a
k
a
e
L
t
u
p
t
u
OI
H
O
V
,
H
0
5
2
4
C
S
N
I
A
R
D
V
-
E
E
V
,
V
1
=
D
G
R
W
P
V
0
8
=
0
.
10
1
A
µ
V
,
L
0
5
2
4
C
S
N
I
A
R
D
V
-
E
E
V
5
=
0
.
10
1
A
µ
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C
C
A
w
o
L
e
t
a
G
o
t
h
g
i
H
V
Ot
V
O
L
H
P
7
.
1s
µ
w
o
L
e
t
a
G
o
t
w
o
L
V
Ut
V
U
L
H
P
5
.
1s
µ
h
g
i
H
e
t
a
G
o
t
w
o
L
V
Ot
V
O
H
L
P
5
.
5s
µ
h
g
i
H
e
t
a
G
o
t
w
o
L
V
Ut
V
U
H
L
P
5
.
6s
µ
w
o
L
e
t
a
G
o
t
h
g
i
H
E
S
N
E
St
E
S
N
E
S
L
H
P
3s
µ
w
o
L
D
G
R
W
P
o
t
w
o
L
N
I
A
R
D
)
N
I
A
R
D
-
D
G
R
W
P
(
o
t
w
o
L
N
I
A
R
D
h
g
i
H
t
G
P
L
H
P
5
.
0
s
µ
h
g
i
H
D
G
R
W
P
o
t
h
g
i
H
N
I
A
R
D
)
N
I
A
R
D
-
D
G
R
W
P
(
o
t
h
g
i
H
N
I
A
R
D
w
o
L
t
G
P
H
L
P
5
.
0s
µ
y
a
l
e
D
e
m
i
T
-
e
m
i
T
N
O
e
t
a
Gt
1
_
N
O
V
N
I
A
R
D
ti
u
c
r
i
c
t
r
o
h
s
r
e
tf
a
,
V
8
>5
s
µ
y
a
l
e
D
e
m
i
T
-
e
m
i
T
N
O
e
t
a
Gt
2
_
N
O
V
N
I
A
R
D
ti
u
c
r
i
c
t
r
o
h
s
r
e
tf
a
,
V
7
<0
5
2s
µ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com