Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC4524ASETRT Datasheet(PDF) 15 Page - Semtech Corporation

Part # SC4524ASETRT
Description  28V 2A Step-Down Switching Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4524ASETRT Datasheet(HTML) 15 Page - Semtech Corporation

Back Button SC4524ASETRT Datasheet HTML 11Page - Semtech Corporation SC4524ASETRT Datasheet HTML 12Page - Semtech Corporation SC4524ASETRT Datasheet HTML 13Page - Semtech Corporation SC4524ASETRT Datasheet HTML 14Page - Semtech Corporation SC4524ASETRT Datasheet HTML 15Page - Semtech Corporation SC4524ASETRT Datasheet HTML 16Page - Semtech Corporation SC4524ASETRT Datasheet HTML 17Page - Semtech Corporation SC4524ASETRT Datasheet HTML 18Page - Semtech Corporation SC4524ASETRT Datasheet HTML 19Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
SC4524A
5
PCB Layout Considerations
In a step-down switching regulator, the input bypass
capacitor, the main power switch and the freewheeling
diode carry pulse current (Figure 9). For jitter-free
operation,thesizeoftheloopformedbythesecomponents
should be minimized. Since the power switch is already
integrated within the SC4524A, connecting the anode of
the freewheeling diode close to the negative terminal of
the input bypass capacitor minimizes size of the switched
current loop. The input bypass capacitor should be placed
close to the IN pin. Shortening the traces of the SW and
BST nodes reduces the parasitic trace inductance at these
nodes. This not only reduces EMI but also decreases
switching voltage spikes at these nodes.
The exposed pad should be soldered to a large ground
plane as the ground copper acts as a heat sink for the
device. To ensure proper adhesion to the ground plane,
avoid using vias directly under the device.
Figure 9. Heavy lines indicate the critical pulse
current loop. The inductance of this
loop should be minimized.
12
12
Fig.9
Vout
Vin
+
+
Currents in Power Section
IN
V
OUT
V
L
Z
12
12
Fig.9
Vout
Vin
+
+
Currents in Power Section
IN
V
OUT
V
L
Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com