Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC4538 Datasheet(PDF) 12 Page - Semtech Corporation

Part # SC4538
Description  High Effi ciency Boost Converter for up to 10 LEDs
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4538 Datasheet(HTML) 12 Page - Semtech Corporation

Back Button SC4538 Datasheet HTML 6Page - Semtech Corporation SC4538 Datasheet HTML 7Page - Semtech Corporation SC4538 Datasheet HTML 8Page - Semtech Corporation SC4538 Datasheet HTML 9Page - Semtech Corporation SC4538 Datasheet HTML 10Page - Semtech Corporation SC4538 Datasheet HTML 11Page - Semtech Corporation SC4538 Datasheet HTML 12Page - Semtech Corporation SC4538 Datasheet HTML 13Page - Semtech Corporation SC4538 Datasheet HTML 14Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
12
Applications Information (continued)
PCB Layout Considerations
Poor layout can degrade the performance of the DC-DC
converter and can be a contributory factor in EMI prob-
lems, ground bounce, thermal issues, and resistive voltage
losses. Poor regulation and instability can result. A typical
layout is shown in Figure 2.
The following design rules are recommended:
Place the inductor and filter capacitors as close
to the device as possible and use short, wide
traces between the power components.
Route the output voltage feedback path away
from the inductor and LX node to minimize
noise and magnetic interference.
Use a ground plane to further reduce noise
interference on sensitive circuit nodes.
Figure 2– Layout
•
•
•
SC4538
Diode Selection
A Schottky diode with a reverse voltage of 40V and a
forward current rating of 1A should be used with this
device for optimum per formance. The Central
Semiconductor Corporation CMOSH-4E is a suitable diode
for this application.
Selection of Other Components
R
ISET
sets the maximum load current for the SC4538. Use
the following equation to select the proper value:
R
ISET
= 230 × V
ISET
/I
LOAD
where
V
ISET
= 0.5V (typ).
Refer to Figure 1 for selecting values for other current set-
tings. Notice that the error increases as the desired I
BL
current decreases.
1
10
100
1
10
100
RISET (kΩ)
RISET
Typical
Current
Tolerance
Figure 1 – Set Resistor Value Selection Graph



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com