Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC4624SETRT Datasheet(PDF) 17 Page - Semtech Corporation

Part # SC4624SETRT
Description  Low Input Voltage, High Efficiency, 4A Integrated FET Synchronous Step down DC/DC Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4624SETRT Datasheet(HTML) 17 Page - Semtech Corporation

Back Button SC4624SETRT Datasheet HTML 12Page - Semtech Corporation SC4624SETRT Datasheet HTML 13Page - Semtech Corporation SC4624SETRT Datasheet HTML 14Page - Semtech Corporation SC4624SETRT Datasheet HTML 15Page - Semtech Corporation SC4624SETRT Datasheet HTML 16Page - Semtech Corporation SC4624SETRT Datasheet HTML 17Page - Semtech Corporation SC4624SETRT Datasheet HTML 18Page - Semtech Corporation SC4624SETRT Datasheet HTML 19Page - Semtech Corporation SC4624SETRT Datasheet HTML 20Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
17
 2008 Semtech Corp.
www.semtech.com
SC4624
POWER MANAGEMENT
Operation
Application Information (Cont.)
Application Information (Cont.)
5V
IN, 1VOUT, 4A, all ceramic capacitors ( application circuit#1 )
5
5
4
4
3
3
2
2
1
1
D
D
C
C
B
B
A
A
5Vin
1Vout@4A
Title
Size
Document Number
Rev
Date:
Sheet
of
A2
Custom
1
1
Monday, June 25, 2007
Title
Size
Document Number
Rev
Date:
Sheet
of
A2
Custom
1
1
Monday, June 25, 2007
Title
Size
Document Number
Rev
Date:
Sheet
of
A2
Custom
1
1
Monday, June 25, 2007
SC4624
Application
Circuit
VIN=5V; Vout=1V/4A
Input(C9)/Output Capacitors(C4): Panasonic ECJ33YBOJ226M(22uF/6.3V)
L1: TOKO D104C(919AS-1R8N)
Switching Frequency=550kHz
R12: Multilayer chip inductors;
MLB-160808-0600R-S2
(1)
(2)
Note: (1,2) Option for stability
R9
28.7k
R9
28.7k
R11
47.5k
R11
47.5k
C5
opt
C5
opt
C3
1uF
C3
1uF
C8
270pF
C8
270pF
R6
10k
R6
10k
U1
SC4624
U1
SC4624
COMP
10
FB
11
PGOOD
6
SYNC/EN
14
VCC
5
SS
3
NC
9
NC
7
FS
4
AGND
13
VCC
12
PH1
17
PH2
18
PH3
19
NC
8
ISET
2
PVIN1
1
PVIN2
20
PGND1
15
PGND2
16
C11
opt
C11
opt
R2
10R
R2
10R
C7
47nF
C7
47nF
R12
MLB-160808-0600R-S2
R12
MLB-160808-0600R-S2
R1
20k
R1
20k
C9
22uF
C9
22uF
R8
2.32k
R8
2.32k
C2
390pF
C2
390pF
R7
28.7k
R7
28.7k
R5
10k
R5
10k
C1
2.2pF
C1
2.2pF
C4
22uF
C4
22uF
R4
opt
R4
opt
C6
1nF
C6
1nF
R3
30k
R3
30k
L1
1.8uH
L1
1.8uH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com