Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F2001IPW Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F2001IPW
Description  MIXED SIGNAL MICROCONTROLLER
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F2001IPW Datasheet(HTML) 27 Page - Texas Instruments

Back Button MSP430F2001IPW Datasheet HTML 23Page - Texas Instruments MSP430F2001IPW Datasheet HTML 24Page - Texas Instruments MSP430F2001IPW Datasheet HTML 25Page - Texas Instruments MSP430F2001IPW Datasheet HTML 26Page - Texas Instruments MSP430F2001IPW Datasheet HTML 27Page - Texas Instruments MSP430F2001IPW Datasheet HTML 28Page - Texas Instruments MSP430F2001IPW Datasheet HTML 29Page - Texas Instruments MSP430F2001IPW Datasheet HTML 30Page - Texas Instruments MSP430F2001IPW Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 88 page
background image
MSP430x20x1, MSP430x20x2, MSP430x20x3
MIXED SIGNAL MICROCONTROLLER
SLAS491D -- AUGUST 2005 -- REVISED SEPTEMBER 2007
27
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted) (continued)
POR/brownout reset (BOR) (see Notes 1 and 2)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
VCC(start)
(see Figure 8)
dVCC/dt ≤ 3V/s
0.7 × V(B_IT--)
V
V(B_IT--)
(see Figure 8 through Figure 10)
dVCC/dt ≤ 3V/s
1.71
V
Vhys(B_IT--)
(see Figure 8)
dVCC/dt ≤ 3V/s
70
130
210
mV
td(BOR)
(see Figure 8)
2000
μs
t(reset)
Pulse length needed at RST/NMI pin
to accepted reset internally
2.2 V/3 V
2
μs
NOTES: 1. The current consumption of the brownout module is already included in the ICC current consumption data. The voltage level V(B_IT--)
+Vhys(B_IT--) is ≤ 1.8V.
2. During power up, the CPU begins code execution following a period of td(BOR) after VCC =V(B_IT--) +Vhys(B_IT--). The default
DCO settings must not be changed until VCC ≥ VCC(min), where VCC(min) is the minimum supply voltage for the desired
operating frequency.
0
1
t d(BOR)
VCC
V(B_IT--)
Vhys(B_IT--)
VCC(start)
Figure 8. POR/Brownout Reset (BOR) vs Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com