Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F2002IRSAT Datasheet(PDF) 45 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F2002IRSAT
Description  MIXED SIGNAL MICROCONTROLLER
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F2002IRSAT Datasheet(HTML) 45 Page - Texas Instruments

Back Button MSP430F2002IRSAT Datasheet HTML 41Page - Texas Instruments MSP430F2002IRSAT Datasheet HTML 42Page - Texas Instruments MSP430F2002IRSAT Datasheet HTML 43Page - Texas Instruments MSP430F2002IRSAT Datasheet HTML 44Page - Texas Instruments MSP430F2002IRSAT Datasheet HTML 45Page - Texas Instruments MSP430F2002IRSAT Datasheet HTML 46Page - Texas Instruments MSP430F2002IRSAT Datasheet HTML 47Page - Texas Instruments MSP430F2002IRSAT Datasheet HTML 48Page - Texas Instruments MSP430F2002IRSAT Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 88 page
background image
MSP430x20x1, MSP430x20x2, MSP430x20x3
MIXED SIGNAL MICROCONTROLLER
SLAS491D -- AUGUST 2005 -- REVISED SEPTEMBER 2007
45
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
MSP430x20x3 electrical characteristics over recommended ranges of supply voltage and
operating free-air temperature (unless otherwise noted) (continued)
SD16_A, SINAD performance (fSD16 = 1MHz, SD16OSRx = 1024, SD16REFON = 1, MSP430x20x3 only)
PARAMETER
TEST CONDITIONS
VCC
PW, or N
RSA
UNIT
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MIN
TYP
UNIT
SD16GAINx = 1,
Signal Amplitude: VIN = 500mV,
Signal Frequency: fIN = 100Hz
3V
84
85
86
87
SD16GAINx = 2,
Signal Amplitude: VIN = 250mV,
Signal Frequency: fIN = 100Hz
3V
82
83
82
83
SINAD
Signal-to-Noise + Distortion Ratio
SD16GAINx = 4,
Signal Amplitude: VIN = 125mV,
Signal Frequency: fIN = 100Hz
3V
78
79
78
79
dB
SINAD1024
Signal to Noise + Distortion Ratio
(OSR = 1024)
SD16GAINx = 8,
Signal Amplitude: VIN = 62mV,
Signal Frequency: fIN = 100Hz
3V
73
74
73
74
dB
SD16GAINx = 16,
Signal Amplitude: VIN = 31mV,
Signal Frequency: fIN = 100Hz
3V
68
69
68
69
SD16GAINx = 32,
Signal Amplitude: VIN = 15mV,
Signal Frequency: fIN = 100Hz
3V
62
63
62
63
SD16_A, SINAD performance (fSD16 = 1MHz, SD16OSRx = 256, SD16REFON = 1, MSP430x20x3 only)
PARAMETER
TEST CONDITIONS
VCC
PW, or N
RSA
UNIT
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MIN
TYP
UNIT
SD16GAINx = 1,
Signal Amplitude: VIN = 500mV,
Signal Frequency: fIN = 100Hz
3V
80
81
82
83
SD16GAINx = 2,
Signal Amplitude: VIN = 250mV,
Signal Frequency: fIN = 100Hz
3V
74
75
76
77
SINAD
Signal-to-Noise + Distortion Ratio
SD16GAINx = 4,
Signal Amplitude: VIN = 125mV,
Signal Frequency: fIN = 100Hz
3V
69
70
71
72
dB
SINAD256
Signal to Noise + Distortion Ratio
(OSR = 256)
SD16GAINx = 8,
Signal Amplitude: VIN = 62mV,
Signal Frequency: fIN = 100Hz
3V
63
64
67
68
dB
SD16GAINx = 16,
Signal Amplitude: VIN = 31mV,
Signal Frequency: fIN = 100Hz
3V
58
59
63
64
SD16GAINx = 32,
Signal Amplitude: VIN = 15mV,
Signal Frequency: fIN = 100Hz
3V
52
53
57
58



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com