Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VNQ600A Datasheet(PDF) 4 Page - STMicroelectronics

Part # VNQ600A
Description  QUAD CHANNEL HIGH SIDE SOLID STATE RELAY
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNQ600A Datasheet(HTML) 4 Page - STMicroelectronics

  VNQ600A Datasheet HTML 1Page - STMicroelectronics VNQ600A Datasheet HTML 2Page - STMicroelectronics VNQ600A Datasheet HTML 3Page - STMicroelectronics VNQ600A Datasheet HTML 4Page - STMicroelectronics VNQ600A Datasheet HTML 5Page - STMicroelectronics VNQ600A Datasheet HTML 6Page - STMicroelectronics VNQ600A Datasheet HTML 7Page - STMicroelectronics VNQ600A Datasheet HTML 8Page - STMicroelectronics VNQ600A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
4/18
VNQ600A
THERMAL DATA (Per island)
(*) When mounted on a standard single-sided FR-4 board with 0.5cm2 of Cu (at least 35
µm thick) connected to all V
CC pins.
Horizontal mounting and no artificial air flow.
ELECTRICAL CHARACTERISTICS (8V<VCC<36V; -40°C<Tj<150°C; unless otherwise specified)
(Per each channel)
POWER
SWITCHING (VCC=13V)
PROTECTIONS
(**) Per island
Symbol
Parameter
Value
Unit
Rthj-lead
Thermal resistance Junction-lead
20
°C/W
Rthj-amb
Thermal resistance Junction-ambient (one chip ON)
60 (*)
°C/W
Rthj-amb
Thermal resistance Junction-ambient (two chips ON)
46 (*)
°C/W
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
VCC (**)
Operating supply voltage
5.5
13
36
V
VUSD (**)
Undervoltage shut-down
3
4
5.5
V
VOV (**)
Overvoltage shut-down
36
V
RON
On state resistance
IOUT1,2,3,4=5A; Tj=25°C
IOUT1,2,3,4=5A; Tj=150°C
IOUT1,2,3,4=3A; VCC=6V
35
70
120
m
Ω
m
Ω
m
Ω
Vclamp
Clamp Voltage
ICC=20mA (see note 1)
41
48
55
V
IS (**)
Supply current
Off State; VCC=13V; VIN=VOUT=0V
Off State; VCC=13V; VIN=VOUT=0V;
Tj =25°C
On State; VCC=13V; VIN=5V; IOUT=0A;
RSENSE=3.9KΩ
12
12
40
25
6
µA
µA
mA
IL(off1)
Off state output current
VIN=VOUT=0V
0
50
µA
IL(off2)
Off State Output Current VIN=0V; VOUT=3.5V
-75
0
µA
IL(off3)
Off State Output Current VIN=VOUT=0V; Vcc=13V; Tj =125°C
5
µA
IL(off4)
Off State Output Current VIN=VOUT=0V; Vcc=13V; Tj =25°C
3
µA
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
tD(on)
Turn-on delay time
R1=2.6
Ω channels 1,2,3,4 (see fig. 1)
40
µs
tD(off)
Turn-off delay time
R1=2.6
Ω channels 1,2,3,4 (see fig. 1)
40
µs
(dVOUT/dt)on
Turn-on voltage slope
R1=2.6
Ω channels 1,2,3,4 (see fig. 1)
0.20
V
/µs
(dVOUT/dt)off
Turn-off voltage slope
R1=2.6
Ω channels 1,2,3,4 (see fig. 1)
0.20
V
/µs
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
Ilim
DC Short circuit current
VCC=13V
5.5V<VCC<36V
25
40
70
70
A
A
TTSD
Thermal shut-down
temperature
150
175
200
°C
TR
Thermal reset
temperature
135
°C
Thyst
Thermal hysteresis
7
15
°C
Vdemag
Turn-off output voltage
clamp
IOUT=2A; L=6mH
VCC-41 VCC-48 VCC-55
V
VON
Output voltage drop
limitation
IOUT=0.5A; Tj= -40°C...+150°C
50
mV
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com