Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F2012IPW Datasheet(PDF) 48 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F2012IPW
Description  MIXED SIGNAL MICROCONTROLLER
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F2012IPW Datasheet(HTML) 48 Page - Texas Instruments

Back Button MSP430F2012IPW Datasheet HTML 44Page - Texas Instruments MSP430F2012IPW Datasheet HTML 45Page - Texas Instruments MSP430F2012IPW Datasheet HTML 46Page - Texas Instruments MSP430F2012IPW Datasheet HTML 47Page - Texas Instruments MSP430F2012IPW Datasheet HTML 48Page - Texas Instruments MSP430F2012IPW Datasheet HTML 49Page - Texas Instruments MSP430F2012IPW Datasheet HTML 50Page - Texas Instruments MSP430F2012IPW Datasheet HTML 51Page - Texas Instruments MSP430F2012IPW Datasheet HTML 52Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 88 page
background image
MSP430x20x1, MSP430x20x2, MSP430x20x3
MIXED SIGNAL MICROCONTROLLER
SLAS491D -- AUGUST 2005 -- REVISED SEPTEMBER 2007
48
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
MSP430x20x3 electrical characteristics over recommended ranges of supply voltage and
operating free-air temperature (unless otherwise noted) (continued)
SD16_A, temperature sensor (MSP430x20x3 only)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
TCSensor
Sensor temperature coefficient
1.18
1.32
1.46
mV/K
VOffset,Sensor
Sensor offset voltage
--100
100
mV
Temperature sensor voltage
at TA =85°C
3V
435
475
515
VSensor
Sensor output voltage
(see Note 2)
Temperature sensor voltage
at TA =25°C
3V
355
395
435
mV
(see Note 2)
Temperature sensor voltage
at TA =0°C
3V
320
360
400
NOTES: 1. The following formula can be used to calculate the temperature sensor output voltage:
VSensor,typ =TCSensor ( 273 + T [°C] ) + VOffset,sensor [mV] or
VSensor,typ =TCSensor T[°C] + VSensor(TA =0°C) [mV]
2. Values are not based on calculations using TCSensor or VOffset,sensor but on measurements.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com